Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11127ATI+ Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX11127ATI+
Description  1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11127ATI+ Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX11127ATI+ Datasheet HTML 15Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 16Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 17Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 18Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 19Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 20Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 21Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 22Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
MAX11120–MAX11128
1Msps, Low-Power, Serial 12-/10-/8-Bit,
4-/8-/16-Channel ADCs
Figure 2c. External Clock Timing Diagram with CHAN_ID=0
Single-Ended, Differential,
and Pseudo-Differential Input
The MAX11120–MAX11128 include up to 16 analog input
channels that can be configured to 16 single-ended
inputs, 8 fully differential pairs, or 15 pseudo-differential
inputs with respect to one common input (REF-/AIN15 is
the common input).
The analog input range is 0V to VREF+ in single-ended
and pseudo-differential mode (unipolar) and QVREF+/2 or
Q
VREF+ in fully differential mode (bipolar) depending on
the RANGE register settings. See Table 7 for the RANGE
register setting.
Unipolar mode sets the differential input range from 0
to VREF+. If the positive analog input swings below the
negative analog input in unipolar mode, the digital output
code is zero. Selecting bipolar mode sets the differential
input range to QVREF+/2 or QVREF+ depending on the
RANGE register settings (Table 7).
In single-ended mode, the ADC always operates in uni-
polar mode. The analog inputs are internally referenced
to GND with a full-scale input range from 0 to VREF+.
Single-ended conversions are internally referenced to
GND (Figure 3).
The MAX11120–MAX11128 feature 15 pseudo differen-
tial inputs by setting the PDIFF_COM bits in the Unipolar
register to 1 (Table 10). The 15 analog input signals
inputs are referenced to a DC signal applied to the
REF-/AIN15.
Fully Differential Reference (REF+, REF-)
When the reference is used in fully differential mode
(REFSEL = 1), the full-scale range is set by the difference
between REF+ and REF-. The output clips if the input
signal surpasses this reference range.
ADC Transfer Function
The output format of the MAX11120–MAX11128 is straight
binary in unipolar mode and two’s complement in bipolar
mode. The code transitions midway between successive
integer LSB values, such as 0.5 LSB, 1.5 LSB. Figure 4
and Figure 5 show the unipolar and bipolar transfer func-
tion, respectively. Output coding is binary, with 1 LSB =
VREF+/4096.
Figure 3. Equivalent Input Circuit
23
45
67
8
110111213141516
9
CS
SCLK
DIN
DOUT
0
LSB
MSB] MSB-1 MSB-2
DI[15]
DI[1]
0
DI[0]
DI[14]
DAC
COMPARATOR
DAC
AINn
AINn+1
(GND)
HOLD


Similar Part No. - MAX11127ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11127ATI++ MAXIM-MAX11127ATI+ Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11127ATI++ MAXIM-MAX11127ATI+ Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results

Similar Description - MAX11127ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com