Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4469 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4469
Description  Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4469 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4469 Datasheet HTML 4Page - Maxim Integrated Products MAX4469 Datasheet HTML 5Page - Maxim Integrated Products MAX4469 Datasheet HTML 6Page - Maxim Integrated Products MAX4469 Datasheet HTML 7Page - Maxim Integrated Products MAX4469 Datasheet HTML 8Page - Maxim Integrated Products MAX4469 Datasheet HTML 9Page - Maxim Integrated Products MAX4469 Datasheet HTML 10Page - Maxim Integrated Products MAX4469 Datasheet HTML 11Page - Maxim Integrated Products MAX4469 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Cost, Micropower, SC70/SOT23-8, Microphone
Preamplifiers with Complete Shutdown
10
20
µs/div
OUT
1V/div
VCC
2V/div
Figure 6. Power-Up/Power-Down Waveform
Chip Information
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX4467EKA+T
-40°C to +85°C
8 SOT23
MAX4468EKA+T
-40°C to +85°C
8 SOT23
MAX4469EKA+T
-40°C to +85°C
8 SOT23
+
+
INB-
INA+
INB+
GND
1
2
8
7
VCC
OUTB
INA-
OUTA
MAX4469
SOT23
3
4
6
5
OUT
IN+
N.C.
GND
1
2
8
7
SHDN
VCC
IN-
MIC_BIAS
MAX4467
MAX4468
SOT23
3
4
6
5
Pin Configurations (continued)
Selector Guide
PART
MINIMUM STABLE
GAIN
EXTERNAL
MICROPHONE
SHDN
GBWP
(kHz)
PIN-PACKAGE
MAX4465
+1
No
200
5 SC70/5 SOT23
MAX4466
+5
No
600
5 SC70/5 SOT23
MAX4467
+1
Yes
200
8 SOT23
MAX4468
+5
Yes
600
8 SOT23
MAX4469
+1
No
200
8 SOT23
Test Circuits/Timing
Diagrams (continued)
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX4469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4469 MAXIM-MAX4469 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4469EKA-T MAXIM-MAX4469EKA-T Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4469ESA MAXIM-MAX4469ESA Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
More results

Similar Description - MAX4469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com