Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11132ATI+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11132ATI+
Description  3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11132ATI+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11132ATI+ Datasheet HTML 1Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 2Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 3Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
MAX11129–MAX11132
3Msps, Low-Power, Serial 12-/10-Bit,
8-/16-Channel ADCs
VDD to GND.............................................................-0.3V to +4V
OVDD, AIN0–AIN13, CNVST/AIN14, REF+, REF-/AIN15
to GND......................-0.3V to the lower of (VDD + 0.3V) and +4V
CS, SCLK, DIN, DOUT, EOC TO GND ..... -0.3V to the Lower of
(VOVDD + 0.3V) and +4V
DGND to GND......................................................-0.3V to +0.3V
Input/Output Current (all pins) ...........................................50mA
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 34.4mW/NC above +70NC)..................2758mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA)...........29NC/W
Junction-to-Case Thermal Resistance (BJC)..................2NC/W
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS (MAX11131/MAX11132)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 3Msps, fSCLK = 48MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Notes 3 and 4)
Resolution
RES
12 bit
12
Bits
Integral Nonlinearity
INL
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes
±1.0
LSB
Offset Error
-0.1
±4.0
LSB
Gain Error
(Note 5)
+0.3
±4.0
LSB
Offset Error Temperature
Coefficient
OETC
±2
ppm/NC
Gain Temperature Coefficient
GETC
±0.8
ppm/NC
Channel-to-Channel Offset
Matching
±0.5
LSB
Line Rejection
PSR
(Note 6)
±0.5
±2
LSB/V
DYNAMIC PERFORMANCE (500kHz, input sine wave) (Notes 3 and 7)
Signal-to-Noise Plus Distortion
SINAD
70
72.2
dB
Signal-to-Noise Ratio
SNR
70
72.3
dB
Total Harmonic Distortion
(Up to the 5th Harmonic)
THD
-88
-78
dB
Spurious-Free Dynamic Range
SFDR
79
90
dB
Intermodulation Distortion
IMD
f1 = 398.4375kHz, f2 = 275.8125kHz
-85
dB


Similar Part No. - MAX11132ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11132ATI++ MAXIM-MAX11132ATI+ Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
More results

Similar Description - MAX11132ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com