Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11122ATI+ Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX11122ATI+
Description  1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11122ATI+ Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX11122ATI+ Datasheet HTML 26Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 27Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 28Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 29Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 30Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 31Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 32Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 33Page - Maxim Integrated Products MAX11122ATI+ Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
MAX11120–MAX11128
1Msps, Low-Power, Serial 12-/10-/8-Bit,
4-/8-/16-Channel ADCs
Table 7. RANGE Register (RANGE Settings Only Applies to Bipolar Fully Differential
Analog Input Configurations)
ADC OUTPUT as a Function
of Unipolar and Bipolar Modes
The ADC Scan Control register (Table 3) determines the
ADC mode of operation. The Unipolar and Bipolar regis-
ters in Table 10 and Table 11 determine output coding
and whether input configuration is single-ended or fully
differential.
Table 9 details the conversion output for analog inputs,
AIN0 and AIN1. The truth table is consistent for any other
valid input pairs (AINn/AINn+1). Table 8 shows the appli-
cable input signal format with respect to analog input
configurations.
CHSEL[3:0]
is
used
for
MANUAL,
REPEAT,
STANDARD_EXT,
STANDARD_INT,
UPPER_EXT,
UPPER_INT modes of operation. CHSCAN[15:0] is used
for CUSTOM_EXT and CUSTOM_INT modes of operation.
SampleSet Mode of Operation
The SampleSet register stores the unique channel
sequence length. The sequence pattern is comprised of
up to 256 unique single-ended and/or differential conver-
sions with any order or pattern.
Patterns are assembled in 4-bit channel identifier nib-
bles as described in Table 4. Figure 10 presents the
SampleSet timing diagram. Note that two CS frames are
required to configure the SampleSet functionality. The
first frame indicates the sequence length. The second
frame is used to encode the channel sequence pattern.
After the SampleSet register has been coded (Table 14),
by the next falling edge of CS, the new SampleSet pattern
is activated (Figure 10). If the pattern length is less than
SEQ_LENGTH, the remaining channels default to AIN0. If
the select pattern length is greater than SEQ_LENGTH,
the additional data is ignored as the ADC waits for the ris-
ing edge of CS. If CS is asserted in the middle of a nibble,
the full nibble defaults to AIN0.
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
RANGE_SETUP
15:11
N/A
Set to 10011 to select the RANGE register
RANGE0/1
10
0
Set to 0 for AIN0/1: +VREF+/2
Set to 1 for AIN0/1: +VREF+
RANGE2/3
9
0
Set to 0 for AIN2/3: +VREF+/2
Set to 1 for AIN2/3: +VREF+
RANGE4/5
8
0
Set to 0 for AIN4/5: +VREF+/2
Set to 1 for AIN4/5: +VREF+
RANGE6/7
7
0
Set to 0 for AIN6/7: +VREF+/2
Set to 1 for AIN6/7: +VREF+
RANGE8/9
6
0
Set to 0 for AIN8/9: +VREF+/2
Set to 1 for AIN8/9: +VREF+
RANGE10/11
5
0
Set to 0 for AIN10/11: +VREF+/2
Set to 1 for AIN10/11: +VREF+
RANGE12/13
4
0
Set to 0 for AIN12/13: +VREF+/2
Set to 1 for AIN12/13: +VREF+
RANGE14/15
3
0
Set to 0 for AIN14/15: +VREF+/2
Set to 1 for AIN14/15: +VREF+
2:0
000
Unused


Similar Part No. - MAX11122ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11122ATI++ MAXIM-MAX11122ATI+ Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11122ATI++ MAXIM-MAX11122ATI+ Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results

Similar Description - MAX11122ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com