Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3467CPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3467CPA
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3467CPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3467CPA Datasheet HTML 1Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 2Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 3Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 4Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 5Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 6Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 7Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 8Page - Maxim Integrated Products MAX3467CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
-125
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0
20
mV
Receiver Output High Voltage
VOH
IO = -4mA, VA - VB = VTH
VCC - 1.5
V
Receiver Output Low Voltage
VOL
IO = 4mA, VB - VA = VTH
0.4
V
Three-State Output Current at
Receiver
IOZR
0
≤ VO ≤ VCC
±1µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ +12V
48
k
Ω
Receiver Output Short-Circuit
Current
IOSR
0
≤ VRO ≤ VCC
±7
±95
mA
ESD Protection
A, B, Y, and Z pins
(MAX3467/MAX3468/MAX3469)
±6
kV
SUPPLY CURRENT
Normal Operation
(Static Condition)
IQ
No load, DI = VCC or DI = GND
2.5
4
mA
Supply Current in SHDN
ISHDN
DE = GND and RE = VCC, or SHDN = VCC
110
µA
SWITCHING CHARACTERISTICS
tPLH
Driver Propagation Delay
tPHL
Figures 6 and 7, RDIFF = 54
Ω,
CL = 50pF
15
ns
tR
Driver Differential Output Rise or
Fall Time
tF
Figures 6 and 7, RDIFF = 54
Ω,
CL = 50pF
10
ns
Driver Output Skew |tPLH - tPHL|tSKEW
Figures 6 and 7, RDIFF = 54
Ω,
CL = 50pF, TXP = GND or open
2ns
Driver Output Transition Skew
Guaranteed by design
1
ns
Maximum Data Rate
30
40
Mbps
Driver Enable to Output High
tZH
Figures 8 and 9, S2 closed, RL = 500
Ω,
CL = 50pF
30
ns
Driver Enable to Output Low
tZL
Figures 8 and 9, S1 closed, RL = 500
Ω,
CL = 50pF
30
ns
Driver Disable Time from Low
tLZ
Figures 8 and 9, S1 closed, RL = 500
Ω,
CL = 50pF
30
ns
Driver Disable to Output High
tHZ
Figures 8 and 9, S2 closed, RL = 500
Ω,
CL = 50pF
30
ns
Driver Enable Skew Time
|tZL - tZH|
RL = 500
Ω, CL = 50pF, S1 closed (Figures
8 and 9), output low
5ns
Driver Disable Skew Time
|tZL - tZH|
RL = 500
Ω, CL = 50pF, S2 closed (Figures
8 and 9), output high
5ns
tPLH
Receiver Propagation Delay
tPHL
Figure 10, CL = 15pF (Note 4)
20
ns


Similar Part No. - MAX3467CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3467CPA MAXIM-MAX3467CPA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3467CPA MAXIM-MAX3467CPA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results

Similar Description - MAX3467CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com