Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4986CTO+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4986CTO+
Description  SAS/SATA Single Lane 2:1/1:2 Multiplexer/Demultiplexer Plus Redriver with Equalization
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4986CTO+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4986CTO+ Datasheet HTML 4Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 5Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 6Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 7Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 8Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 9Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 10Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 11Page - Maxim Integrated Products MAX4986CTO+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SAS/SATA Single Lane 2:1/1:2 Multiplexer/
Demultiplexer Plus Redriver with Equalization
8
Pin Description (continued)
PIN
NAME
FUNCTION
15
MODEA
INAP/INAM OOB-Mode Logic Input. Drive MODEA low or leave unconnected for SAS OOB thresh-
old. Drive MODEA high for SATA OOB threshold. MODEA is internally pulled down by a 330kI
(typ) resistor.
16
MODEB
INBP/INBM OOB-Mode Logic Input. Drive MODEB low or leave unconnected for SAS OOB thresh-
old. Drive MODEB high for SATA OOB threshold. MODEB is internally pulled down by a 330kI
(typ) resistor.
18
OAMP
OUTP/OUTM Output Level Selection. Drive OAMP high for low output amplitude. Drive OAMP low
or leave unconnected for high output amplitude. See the Electrical Characteristics table. OAMP is
internally pulled down by a 330kI (typ) resistor.
19
OUTPE
OUTP/OUTM Output Preemphasis Logic Input. Drive OUTPE low or leave unconnected for no out-
put preemphasis. Drive OUTPE high for 3dB (typ) output preemphasis. OUTPE is internally pulled
down by a 330kI (typ) resistor.
20
EQB
INBP/INBM Input Equalization Logic Input. Drive EQB low or leave unconnected for no input equal-
ization. Drive EQB high for 4dB (typ) input equalization. EQB is internally pulled down by a 330kI
(typ) resistor.
21
EQA
INAP/INAM Input Equalization Logic Input. Drive EQA low or leave unconnected for no input equal-
ization. Drive EQA high for 4dB (typ) input equalization. EQA is internally pulled down by a 330kI
(typ) resistor.
24
INBM
Channel 2 Inverting Input B
25
INBP
Channel 2 Noninverting Input B
27
INAM
Channel 2 Inverting Input A
28
INAP
Channel 2 Noninverting Input A
30
EN
Active-Low Enable Input. Drive EN high or leave unconnected for reduced power standby mode.
Drive EN low for normal operation. See Table 1. EN is internally pulled up by a 330kI (typ) resistor.
32
OUTBM
Channel 1 Inverting Output B
33
OUTBP
Channel 1 Noninverting Output B
35
OUTAM
Channel 1 Inverting Output A
36
OUTAP
Channel 1 Noninverting Output A
39
PEA
OUTAP/OUTAM Output Preemphasis Logic Input. Drive PEA low or leave unconnected for no out-
put preemphasis. Drive PEA high for 3dB (typ) output preemphasis. PEA is internally pulled down
by a 330kI (typ) resistor.
40
PEB
OUTBP/OUTBM Output Preemphasis Logic Input. Drive PEB low or leave unconnected for no out-
put preemphasis. Drive PEB high for 3dB (typ) output preemphasis. PEB is internally pulled down
by a 330kI (typ) resistor.
41
INEQ
INP/INM Input Equalization Logic Input. Drive INEQ low or leave unconnected for no input equaliza-
tion. Drive INEQ high for 4dB (typ) input equalization. INEQ is internally pulled down by a 330kI
(typ) resistor.
42
MODE
INP/INM OOB-Mode Logic Input. Drive MODE low or leave unconnected for SAS OOB threshold.
Drive MODE high for SATA OOB threshold. MODE is internally pulled down by a 330kI (typ)
resistor.
EP
Exposed Pad. Internally connected to GND. Connect EP to a large ground plane to maximize ther-
mal performance.


Similar Part No. - MAX4986CTO+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4986EVKIT MAXIM-MAX4986EVKIT Datasheet
1Mb / 11P
   Application Circuit with SATA Inputs/Outputs
Rev 0; 2/10
MAX4986EVKIT++ MAXIM-MAX4986EVKIT+ Datasheet
1Mb / 11P
   Application Circuit with SATA Inputs/Outputs
Rev 0; 2/10
More results

Similar Description - MAX4986CTO+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
Texas Instruments
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Pericom Semiconductor C...
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
   6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
Texas Instruments
TS3A27518E TI1-TS3A27518E_16 Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com