Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXA6115A6T1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXA6115A6T1
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXA6115A6T1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXA6115A6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXA6115A6T1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MPXA6115A
Sensors
6
Freescale Semiconductor
MINIMUM RECOMMENDED FOOTPRINT FOR SMALL AND SUPER SMALL PACKAGES
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor package must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self-align when subjected to a
solder reflow process. It is always recommended to fabricate
boards with a solder mask layer to avoid bridging and/or
shorting between solder pads, especially on tight tolerances
and/or tight layouts.
Figure 5. SOP Footprint (Case 482)
Figure 6. SSOP Footprint (Case 1317 and 1317A)
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP
2.54
0.300
7.62
inch
mm
0.100 TYP 8X
2.54
0.027 TYP 8X
0.69
0.053 TYP 8X
1.35
inch
mm
0.387
9.83
0.150
3.81
0.050
1.27
TYP


Similar Part No. - MPXA6115A6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXA6115A6T1 FREESCALE-MPXA6115A6T1 Datasheet
288Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A6T1 FREESCALE-MPXA6115A6T1 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
logo
NXP Semiconductors
MPXA6115A6T1 NXP-MPXA6115A6T1 Datasheet
385Kb / 20P
   MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
More results

Similar Description - MPXA6115A6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
   High Temperature Accuracy integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A Datasheet
288Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com