Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3711 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3711
Description  125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3711 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3711 Datasheet HTML 1Page - Maxim Integrated Products MAX3711 Datasheet HTML 2Page - Maxim Integrated Products MAX3711 Datasheet HTML 3Page - Maxim Integrated Products MAX3711 Datasheet HTML 4Page - Maxim Integrated Products MAX3711 Datasheet HTML 5Page - Maxim Integrated Products MAX3711 Datasheet HTML 6Page - Maxim Integrated Products MAX3711 Datasheet HTML 7Page - Maxim Integrated Products MAX3711 Datasheet HTML 8Page - Maxim Integrated Products MAX3711 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
MAX3711
125Mbps to 3.125Gbps Integrated Limiting Amplifier/
Laser Driver with Dual-Loop Power Control
General Description
The MAX3711 limiting amplifier and laser driver provides
a highly integrated, low-cost, high-performance PMD
solution.
The low-jitter laser diode driver provides transmit aver-
age power control (APC) of laser bias current as well as
an integrated modulation current control loop (extinction
ratio control, or ERC). The ERC eliminates the need for
temperature lookup tables (LUTs) controlling the modula-
tion current.
The low-noise limiting amplifier maximizes optical sen-
sitivity and has adjustable SD/LOS threshold plus pro-
grammable output levels. The differential CML output
stage features a slew-rate adjustment for 1.25Gbps
operation. Integrated bias current monitor and Tx power
monitor enable a low-cost implementation of modules
with digital diagnostics.
A novel auto-calibration mode enables low-cost fiber
optic module production. An integrated 3-wire digital
interface controls the laser driver and limiting amplifier
functions, and enables communication with a low-cost
controller.
The MAX3711 is offered in a small, 4mm x 4mm, 24-pin
TQFN package with exposed pad, and operates over the
-40NC to +95NC temperature range.
Benefits and Features
S
Simplifies Module Manufacturing
Enables Single-Temperature Module Testing
Production Laser Auto-Calibration Mode
S
Improved Performance
Integrated APC Loop (Operates Up to
3.125Gbps)
Integrated ERC Loop (Operates Up to 2.7Gbps)
1.3mVP-P Receiver Sensitivity
S
Flexibility
LVDS, LVPECL, and CML Compatible High-
Speed I/Os
Programmable I/O Polarity
3-Wire Digital Interface
S
Safety and Reliability
Integrated Safety Features with FAULT Mask
Register
Supports SFP MSA and SFF-8472 Digital
Diagnostic
Selectable Analog Monitor of Laser Power or
BIAS Current at BMON Pin
Applications
OC-3 to OC-48 SFP/SFF Transceivers
Ethernet SFP/SFF Transceivers
CPRI/OBSAI SFP/SFF Transceivers
CWDM SFP Transceivers
19-6025; Rev 0; 9/11
Ordering Information appears at end of data sheet.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX3711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
MAX3710ETG++ MAXIM-MAX3710ETG+ Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
More results

Similar Description - MAX3711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
   1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com