Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1821S+R Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1821S+R
Description  Programmable Digital Thermostat and Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1821S+R Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1821S+R Datasheet HTML 4Page - Maxim Integrated Products DS1821S+R Datasheet HTML 5Page - Maxim Integrated Products DS1821S+R Datasheet HTML 6Page - Maxim Integrated Products DS1821S+R Datasheet HTML 7Page - Maxim Integrated Products DS1821S+R Datasheet HTML 8Page - Maxim Integrated Products DS1821S+R Datasheet HTML 9Page - Maxim Integrated Products DS1821S+R Datasheet HTML 10Page - Maxim Integrated Products DS1821S+R Datasheet HTML 11Page - Maxim Integrated Products DS1821S+R Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS1821
8 of 19
CONFIGURATION REGISTER BIT DESCRIPTIONS Table 3
Bit Name
(User Access)
Functional Description
DONE — Temperature Conversion Done
(Read Only)
DONE = 0 — Temperature conversion is in progress.
DONE = 1 — Temperature conversion is complete.
NOTE: DONE = 0 at POR.
NVB — Non-volatile Memory Busy
(Read Only)
NVB = 0 — Nonvolatile memory is not busy.
NVB = 1 — A write to EEPROM memory is in progress
THF* — Temperature High Flag
(Read/Write)
THF = 0 — The measured temperature has not exceeded the
value stored in the TH register.
THF = 1 — At some point in time the measured temperature has
been higher than the value stored in the TH register. THF will
remain a 1 until it is over-written with a 0 by the user.
TLF* — Temperature Low Flag
(Read/Write)
TLF = 0 — The measured temperature has not been lower than
the value stored in the TL register.
TLF = 1 — At some point in time the measured temperature has
been lower than the value stored in the TL register. TLF will
remain a 1 until it is over-written with a 0 by the user.
T/R
¯* — Power-up Operating Mode
(Read/Write)
T/R
¯ = 0 — DS1821 powers up in 1- wire mode.
T/R
¯ = 1 — DS1821 powers up in thermostat mode.
POL* — Thermostat Output (DQ) Polarity
(Read/Write)
POL = 0 — Thermostat output (DQ) is active low.
POL = 1 — Thermostat output (DQ) is active high.
1SHOT* — Conversion Mode
(Read/Write)
1SHOT = 0 — Continuous conversion mode. The Start Convert
T [EEh] command initiates continuous temperature conversions,
which can be stopped with the Stop Convert T [22h] command.
1SHOT = 1 — One-shot mode. The Start Convert T [EEh]
command initiates a single temperature conversion after which
the DS1821 returns to a low-power standby state.
*Stored in EEPROM


Similar Part No. - DS1821S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821S++ DALLAS-DS1821S+ Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
DS1821S+TR DALLAS-DS1821S+TR Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
More results

Similar Description - DS1821S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com