Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1976A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1976A
Description  Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1976A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1976A Datasheet HTML 1Page - Maxim Integrated Products MAX1976A Datasheet HTML 2Page - Maxim Integrated Products MAX1976A Datasheet HTML 3Page - Maxim Integrated Products MAX1976A Datasheet HTML 4Page - Maxim Integrated Products MAX1976A Datasheet HTML 5Page - Maxim Integrated Products MAX1976A Datasheet HTML 6Page - Maxim Integrated Products MAX1976A Datasheet HTML 7Page - Maxim Integrated Products MAX1976A Datasheet HTML 8Page - Maxim Integrated Products MAX1976A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Input-Voltage, 300mA LDO Regulators
with
RESET in SOT and TDFN
4
_______________________________________________________________________________________
GROUND-PIN CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
100
110
0.1
70
80
90
100
110
120
60
0.01
1000
VOUT = +3.0V
VOUT = +0.75V
VOUT = +1.5V
GROUND-PIN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
3.2
2.8
2.4
2.0
1.6
20
40
60
80
100
120
0
1.2
3.6
IOUT = 100mA
IOUT = 300mA
IOUT = 0mA
VOUT = 1.5V
GROUND-PIN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
60
70
80
90
100
110
120
50
-40
80
IOUT = 100mA
IOUT = 300mA
IOUT = 0mA
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
40
20
60
80
100
120
0
0300
VOUT = +1.8V
VOUT = +3.0V
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
10
20
30
40
50
60
70
80
0
0.1
1000
VOUT = +0.75V
VOUT = +1.5V
VOUT = +3.0V
IOUT = 10mA
LINE-TRANSIENT RESPONSE
MAX1963/76 toc09
40
µs/div
VIN
500mV/div
1.5V
10mV/div
AC-COUPLED
VOUT
3.5V
Typical Operating Characteristics (continued)
(VIN = (VOUT + 0.5V) or 1.8V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
LINE-TRANSIENT RESPONSE
NEAR DROPOUT
MAX1963/76 toc10
40
µs/div
VIN
500mV/div
1.5V
10mV/div
AC-COUPLED
VOUT
1.8V


Similar Part No. - MAX1976A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1976A MAXIM-MAX1976A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1976AETA MAXIM-MAX1976AETA Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1976AETT MAXIM-MAX1976AETT Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1976AEZT MAXIM-MAX1976AEZT Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
More results

Similar Description - MAX1976A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963 MAXIM-MAX1963 Datasheet
354Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Rev 0; 10/03
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589 MAXIM-MAX1589_07 Datasheet
301Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Rev 2; 10/07
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Micrel Semiconductor
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com