Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP805MEP Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP805MEP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP805MEP Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP805MEP Datasheet HTML 4Page - Sipex Corporation SP805MEP Datasheet HTML 5Page - Sipex Corporation SP805MEP Datasheet HTML 6Page - Sipex Corporation SP805MEP Datasheet HTML 7Page - Sipex Corporation SP805MEP Datasheet HTML 8Page - Sipex Corporation SP805MEP Datasheet HTML 9Page - Sipex Corporation SP805MEP Datasheet HTML 10Page - Sipex Corporation SP805MEP Datasheet HTML 11Page - Sipex Corporation SP805MEP Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
8
Figure 8A. Power-Fail Comparator Response Time (RISE)
Figure 8B. Circuit for the Power-Fail Comparator
Response Time (RISE)
30pF
1K
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
Figure 9. Timing Diagram
VCC
RESET*
PFO
VOUT
0V
+5V
3.0V
0V
0V
0V
+5V
+5V
+5V
tRS
3.0V
0V
+5V
RESET**
VBATT = PFI = 3.0V
*SP690A/692A/802L/802M
**SP805L/805M
+1.3V
+1.2V
PFI
VCC = 5V
VBATT = 0V
3V
PFO
0V
2
µs/div


Similar Part No. - SP805MEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP805MEP SIPEX-SP805MEP Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP805MEP SIPEX-SP805MEP Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP805MEP EXAR-SP805MEP Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
More results

Similar Description - SP805MEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com