Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1523P1XTL Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FTLF1523P1XTL
Description  Product Guide
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FTLF1523P1XTL Datasheet(HTML) 2 Page - Frontier Electronics.

  FTLF1523P1XTL Datasheet HTML 1Page - Frontier Electronics. FTLF1523P1XTL Datasheet HTML 2Page - Frontier Electronics. FTLF1523P1XTL Datasheet HTML 3Page - Frontier Electronics. FTLF1523P1XTL Datasheet HTML 4Page - Frontier Electronics. FTLF1523P1XTL Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SFP (copper and optical; longwave, shortwave and WDM)
– DATACom applications using Fast Ethernet, Gigabit Ethernet, 1x/2x/4x Fibre Channel
– TeleCom applications using OC-3/STM-1, OC-12/STM-4 and OC-48/STM-16 across all reaches
Features
• 3.3 V operating voltage
• Distances from very short links up to 100+ km
• Wide operating temperature range
• Metal enclosure for lower EMI
• Digital diagnostics
• Wireless CPRI/OBSAI compliant
SFP+ (optical; longwave and shortwave)
– DATACom applications using 10 Gigabit Ethernet and 2x/4x/8x/16x Fibre Channel
Features
• 3.3 V operating voltage
• Supports bit rates up to 14.025 Gb/s
• Distances from short links up to 80 km metro links
• Wide operating temperature range
• Digital diagnostics
• Wireless CPRI/OBSAI compliant
CFP (optical; longwave and shortwave)
– DATACom applications using 40G and 100G Ethernet
– TeleCom applications using OTU3 across all reaches
Features
• Hot-pluggable CFP form factor
• Supports 39.8 Gb/s to 103.1 Gb/s aggregate bit rates
• CFP MSA-compliant form factor
• Single 3.3 V power supply
QSFP (optical; longwave and shortwave)
– DATACom applications using 40G Ethernet
– TeleCom applications using OTU3
Features
• Four-channel full-duplex transceiver module
• Hot Pluggable, MSA-compliant QSFP+ form factor
• Maximum link length of 100 m on OM3 MMF, 150 m on OM4 MMF, and 10 km on SMF
• Multirate capability; supports 1.06 Gb/s to 11.3 Gb/s per channel
CXP (optical; shortwave)
– DATACom applications using 100G Ethernet and chassis interconnections
Features
• Twelve-channel full-duplex transceiver module
• Hot Pluggable CXP form factor
• Maximum link length of 100m on OM3 MMF and 150m on OM4 MMF
• Multirate capability: supports 1.06 Gb/s to 12.5 Gb/s per channel
Active Optical Cables
Finisar’s broad product selection and innovative technology have made us the optical module manufacturer of choice for all major networking
equipment vendors worldwide. We have taken a leading role in transforming the datacommunications and telecommunications equipment market
from utilizing discrete optical components to leveraging the design and pay-as-you-grow flexibility offered by pluggable modules. Our products
are fully compliant with Ethernet, Fibre Channel, SONET/SDH/OTN and PON standards and operate at data rates up to 100 Gb/s. They are capable of
distances ranging from very short reach within a datacenter to campus, access, metro, and long-haul reaches. They feature outstanding performance
over extended voltage and temperature ranges, while minimizing jitter, electromagnetic interference (EMI) and power dissipation.
SFP
SFP+
CFP
CXP
Active Optical Cables
QSFP
FiniSAr MOduleS Are AvAilAble in A wide vAriety OF FOrM FACtOrS:
TrANSCeIverS, TrANSPONDerS, AND ACTIve CAbleS FOr DATACOM AND TeleCOM APPlICATIONS
10 Gb/s Serial Active Optical Cable for 1/10GbE and 1/2/4/8x Fibre Channel
40 Gb/s to 56 Gb/s Parallel Active Optical Cable for 40GbE, InfiniBand 4xQDR,
and Infiniband 4xFDR
150 Gb/s Parallel Active Optical Cable for 100GbE and InfiniBand 12xQDR


Similar Part No. - FTLF1523P1XTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1523P1XTL FINISAR-FTLF1523P1XTL Datasheet
676Kb / 11P
   OC-3 LR-2/STM L-1.2 RoHS Compliant Pluggable SFP Transceiver
More results

Similar Description - FTLF1523P1XTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com