Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE30-01-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FE30-01-LFR
Description  3A FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FE30-01-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  FE30-01-LFR Datasheet HTML 1Page - Frontier Electronics. FE30-01-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FE30-005-LFR THRU FE30-08-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE FE30-005-LFR THRU FE30-08-LFR
1000
100
10
1.0
0.1
0.01
FIG. 5-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
70
60
50
40
30
20
10
0
1
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0 2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
TJ=25
oC
6
5
4
3
2
1
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive or
Inductive Load
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100 120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=25
oC
TJ=80
oC
TJ=125
oC
1000
100
10
1
0.1
.01
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.4
.6
.8
1.0 1.2 1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
FE30-005-LF ~30-02-LF
FE30-06-LF
10.0
1.0
.1
.01
.001
FE30-03-LF ~30-04-LF
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - FE30-01-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FE30-01 FRONTIER-FE30-01 Datasheet
129Kb / 2P
   3A FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
FE30-01 NJSEMI-FE30-01 Datasheet
103Kb / 1P
   3A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE30-015 FRONTIER-FE30-015 Datasheet
129Kb / 2P
   3A FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
FE30-015 NJSEMI-FE30-015 Datasheet
103Kb / 1P
   3A FAST EFFICIENT RECTIFIER
More results

Similar Description - FE30-01-LFR

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
FE30-005 NJSEMI-FE30-005 Datasheet
103Kb / 1P
   3A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE30-005 FRONTIER-FE30-005 Datasheet
129Kb / 2P
   3A FAST EFFICIENT RECTIFIER
ES3A-LFR FRONTIER-ES3A-LFR Datasheet
128Kb / 2P
   3A FAST EFFICIENT SURFACE MOUNT RECTIFIER
logo
List of Unclassifed Man...
IFE80-06 ETC1-IFE80-06 Datasheet
86Kb / 2P
   8A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE20-005 FRONTIER-FE20-005 Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
FX2000A DIOTEC-FX2000A_18 Datasheet
144Kb / 2P
   Fast Efficient Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com