Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C15 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BZX84C15
Description  350mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BZX84C15 Datasheet(HTML) 1 Page - Frontier Electronics.

  BZX84C15 Datasheet HTML 1Page - Frontier Electronics. BZX84C15 Datasheet HTML 2Page - Frontier Electronics. BZX84C15 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX84C2V4 THRU BZX84C75
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
350mW SURFACE MOUNT ZENER DIODE
BZX84C2V4 THRU BZX84C75
FEATURES
LOW COST
SMALL SIZE
MECHANICAL DATA
CASE: SOT-23,PLASTIC, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINALS: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: SEE DIAGRAM
WEIGHT: 0.008 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER
VOLTAGE
VZ@ IZT★
TEST
CURRENT
IZT
ZZT @ IZT
ZZK @ IZK
IR
TEST VOLTAGE
JEDEC
TYPE NO
VOLTS
mA
OHMS
OHMS
mA
μA
VOLTAGE
BZX84C2V4
BZX84C2V7
BZX84C3
BZX84C3V3
BZX84C3V6
BZX84C3V9
BZX84C4V3
BZX84C4V7
BZX84C5V1
BZX84C5V6
BZX84C6V2
BZX84C6V8
BZX84C7V5
BZX84C8V2
BZX84C9V1
BZX84C10
BZX84C11
BZX84C12
BZX84C13
BZX84C15
BZX84C16
BZX84C18
2.2 – 2.6
2.5 – 2.9
2.8 – 3.2
3.1 – 3.5
3.4 – 4.1
3.7 – 4.1
4.0 – 4.6
4.4 – 5.0
4.8 – 5.4
5.2 – 6.0
5.8 – 6.6
6.4 – 7.2
7.0 – 7.9
7.7 – 8.7
8.5 – 9.6
9.4 – 10.6
10.4 – 11.6
11.4 – 12.7
12.4 – 14.1
13.8 – 15.6
15.3 – 17.1
16.8 – 19.1
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
100
100
95
95
90
90
90
80
60
40
10
15
15
15
15
20
20
25
30
30
40
45
600
600
600
600
600
600
600
500
480
400
150
80
80
80
100
150
150
150
170
200
200
225
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50.00
20.00
10.00
5.00
5.00
3.00
3.00
3.00
2.00
1.00
3.00
2.00
1.00
0.70
0.50
0.20
0.10
0.10
0.10
0.10
0.10
0.10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
5.0
5.0
6.0
7.0
8.0
8.0
8.0
10.5
11.2
12.6
NOTE
:VZ OF ZENER DIODE ,V CODE IS INSTEAD OF DECIMAL POINT
* MEASURED WITH PULSES T
P=20m SEC
D
B C
A
2
3
1
G
E
H
J
K
M
L
3
1
DIM
Min
Max
A
0.30
0.51
B
1.20
1.60
C
2.10
3.00
D
0.85
1.05
E
0.45
1.00
G
1.70
2.10
H
2.70
3.10
J
0.00
0.13
K
0.89
1.30
L
0.30
0.61
M
0.076 0.25


Similar Part No. - BZX84C15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C15 TSC-BZX84C15 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Vishay Siliconix
BZX84C15 VISHAY-BZX84C15 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C15 SECOS-BZX84C15 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C15 MAKOSEMI-BZX84C15 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Central Semiconductor C...
BZX84C15 CENTRAL-BZX84C15 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com