Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1506S Datasheet(PDF) 1 Page - Frontier Electronics.

Part # DF1506S
Description  1.5A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DF1506S Datasheet(HTML) 1 Page - Frontier Electronics.

  DF1506S Datasheet HTML 1Page - Frontier Electronics. DF1506S Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF15005S THRUDF1510S
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5A BRIDGE RECTIFIERS
DF15005S THRUDF1510S
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY RECOGNITION 94V-0
GLASS PASSIVATED CHIP
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C/10S AT 5 LBS., (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DFSS, DIMENSIONS
IN INCHES AND (MILLIMETERS
TERMINALS: LEAD SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY: POLARITY SYMBOLS MARKED ON BODY
MOUNTING POSITION: ANY
WEIGHT: 0.38 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TA=40
°C
IO
1.5
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE PER ELEMENT (NOTE 1)
CJ
25
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT Io DC
VF
1.1
V
MAXIMUM REVERSE CURRENT
TA=25
AT RATED DC BLOCKING VOLTAGE PER ELEMENT
TA=125
IR
10
0.5
μA
mA
NOTE: 1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
0.102(2.6)
0.080(2.2)
0.323(8.2)
0.315(8.0)
0.205(5.2)
0.197(5.0)
0.047(1.20)
0.037(0.95)
0.406(10.3)
0.394(10.0)
0.335(8.5)
0.307(7.8)
0.014(0.35)
0.008(0.20)
0.063(1.6)
0.055(1.4)
0.256(6.5)
0.244(6.2)
0.031(0.8)
0.024(0.6)


Similar Part No. - DF1506S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF1506S DIODES-DF1506S Datasheet
53Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
DF1506S DIODES-DF1506S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
DF1506S COMCHIP-DF1506S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
logo
Diodes Incorporated
DF1506S DIODES-DF1506S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
DF1506S VISHAY-DF1506S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
More results

Similar Description - DF1506S

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF15005S-LFR FRONTIER-DF15005S-LFR Datasheet
120Kb / 2P
   1.5A BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
W005M TAITRON-W005M Datasheet
187Kb / 4P
   1.5A Bridge Rectifiers
logo
Leshan Radio Company
W005 LRC-W005 Datasheet
49Kb / 2P
   1.5A WOM BRIDGE RECTIFIERS
logo
Diodes Incorporated
DF15005M DIODES-DF15005M_1 Datasheet
85Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. 9 - 2
DF15005M DIODES-DF15005M Datasheet
66Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. D-2
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
RB150 LRC-RB150 Datasheet
53Kb / 2P
   1.5A RB SERIES SIP BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RB151 SEMTECH_ELEC-RB151 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
W-005M-LFR FRONTIER-W-005M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
W-005M FRONTIER-W-005M Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com