Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1504S-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # DF1504S-LFR
Description  1.5A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DF1504S-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  DF1504S-LFR Datasheet HTML 1Page - Frontier Electronics. DF1504S-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DF15005S-LFR THRU DF1510S-LFR
Page: 2
RATING AND CHARACTERISTICS CURVES DF15005S-LFR THRU
DF1510S-LFR
PERCENT OF RATED PEAK
REVERSE VOLTAGE (%)
FIG. 1 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
1.5
1.25
1.00
0.75
0.5
0.25
0
20
40
60
80
100
120
140 150
AMBIENT TEMPERATURE,
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
60
50
40
30
20
10
0
1
10
100
NUMBER CYCLES AT 60HZ
TJ=150℃
SINGLE SINE -WAVE
( JEDEC Method )
FIG.3 - TYPICAL FORWARD
CHARACTERISTICS
10
1.0
0.1
.01
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
TJ=25℃
TYPICAL
DISTRIBUTION
TJ=25℃
TJ=125℃


Similar Part No. - DF1504S-LFR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF1504S-E3/44 VISHAY-DF1504S-E3/44 Datasheet
84Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DF1504S-E3/77 VISHAY-DF1504S-E3/77 Datasheet
84Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
logo
Comchip Technology
DF1504S-G COMCHIP-DF1504S-G Datasheet
51Kb / 2P
   SMD General Purpose Bridge Rectifier
logo
Diodes Incorporated
DF1504S-T DIODES-DF1504S-T Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DF1504S-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF15005S FRONTIER-DF15005S Datasheet
120Kb / 2P
   1.5A BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
W005M TAITRON-W005M Datasheet
187Kb / 4P
   1.5A Bridge Rectifiers
logo
Leshan Radio Company
W005 LRC-W005 Datasheet
49Kb / 2P
   1.5A WOM BRIDGE RECTIFIERS
logo
Diodes Incorporated
DF15005M DIODES-DF15005M_1 Datasheet
85Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. 9 - 2
DF15005M DIODES-DF15005M Datasheet
66Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. D-2
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
RB150 LRC-RB150 Datasheet
53Kb / 2P
   1.5A RB SERIES SIP BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RB151 SEMTECH_ELEC-RB151 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
W-005M-LFR FRONTIER-W-005M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
W-005M FRONTIER-W-005M Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com