Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW95CP Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BYW95CP
Description  3A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BYW95CP Datasheet(HTML) 1 Page - Frontier Electronics.

  BYW95CP Datasheet HTML 1Page - Frontier Electronics. BYW95CP Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYW95AP THRU BYW96EP
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3A FAST RECOVERY PLASTIC RECTIFIER
BYW95AP THRU BYW96EP
FEATURES
FAST RECOVERY TIMES
UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND
LOW COST
HIGH SURGE CURRENT CAPABILITY
DIFFUSED JUNCTION
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO201AD, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINAL: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 1.2 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BYW95AP
BYW95BP
BYW95CP
BYW96DP
BYW96EP
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
100
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
28
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
20
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BYW95AP
BYW95BP
BYW95CP
BYW96DP
BYW96EP
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.5
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 2)
TRR
150
250
300
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 63.5
×63.5×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Similar Part No. - BYW95CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW95C PHILIPS-BYW95C Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYW95C EIC-BYW95C Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
BYW95C BILIN-BYW95C Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
BYW95C SYNSEMI-BYW95C Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95C EIC-BYW95C Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results

Similar Description - BYW95CP

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR30-005 FRONTIER-FR30-005 Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
FR30-005-LFR FRONTIER-FR30-005-LFR Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
MR850 FRONTIER-MR850 Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
BY396 FRONTIER-BY396 Datasheet
123Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
HER301 FRONTIER-HER301 Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
   3A ULTRA-FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER301-LFR FRONTIER-HER301-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
HER301G FRONTIER-HER301G Datasheet
970Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
   3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
   3A SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com