Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT54K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BYT54K
Description  1A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BYT54K Datasheet(HTML) 1 Page - Frontier Electronics.

  BYT54K Datasheet HTML 1Page - Frontier Electronics. BYT54K Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYT54A THRU BYT54M
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A ULTRA FAST RECOVERY RECTIFIER
BYT54A THRU BYT54M
FEATURES
FAST RECOVERY TIMES
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
DIFFUSED JUNCTION
LOW COST
HIGH SURGE CURRENT CAPABILITY
BEVEL ROUND CHIP, AVALANCHE OPERATION
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO41, DIMENSIONS
IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.34 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BYT54A BYT54B BYT54D BYT54G BYT54J BYT54K BYT54M UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
17
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
50
ºC/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
ºC
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
ºC
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BYT54A BYT54B BYT54D BYT54G BYT54J BYT54K BYT54M UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.5
V
MAXIMUM REVERSE CURRENT AT 25ºC
IR
5
μA
MAXIMUM REVERSE CURRENT AT100 ºC
IR
40
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
100
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Similar Part No. - BYT54K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT54K VISHAY-BYT54K Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT54K VISHAY-BYT54K Datasheet
115Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYT54K LUGUANG-BYT54K Datasheet
240Kb / 2P
   High Efficiency Rectifiers
logo
Vishay Siliconix
BYT54K VISHAY-BYT54K Datasheet
121Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 11-Sep-12
logo
Diode Semiconductor Kor...
BYT54K DSK-BYT54K Datasheet
444Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - BYT54K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HER101 FRONTIER-HER101 Datasheet
130Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
HER101-LFR FRONTIER-HER101-LFR Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
BYT54A-LFR FRONTIER-BYT54A-LFR Datasheet
127Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
FUF4001 FRONTIER-FUF4001 Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
HS1AF FS-HS1AF Datasheet
405Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
MURS105 FRONTIER-MURS105 Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF4001G FRONTIER-UF4001G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF4001G-LFR FRONTIER-UF4001G-LFR Datasheet
129Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
MURS105-LFR FRONTIER-MURS105-LFR Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com