Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ90A(CA) Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMBJ90A(CA)
Description  SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMBJ90A(CA) Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMBJ90A(CA) Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ90A(CA) Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ90A(CA) Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
600W
3 of 3
SMBJ5.0 THRU SMBJ170CA
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
PERK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
?C)
NUMBER OF CYCLES AT 60Hz
80
60
40
20
120
100
0
10
50
100
200
10
20
60
1
2
4
6
40
100
TJ = TJmax
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
FIG.3-
PULSE WAVEFORM
CLAMPING POWER
0
1.0
2.0
3.0
4.0
0
50
150
100
t, TIME, ms
tr=10 sec.
10/1000 sec. WAVEFORM
AS DEFINED BY R.E.A.
td
2
PEAK VALUE
lppm
HALF VALUE- lpp
PULSE WIDTH (td) is DEFINED
AS THE POINT WHERE THE PEAK
CURRENT DECAYS to 50% of lppm
FIG.4 - PEAK PULSE POWER RATING CURVE
100
10
0.1
1.0
tp, PULSE WIDTH, SEC
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
NON-REPETITIVE PULSE
WAVEFORM SHOWN IN
FIG. 5 Ta=25
?C
FIG.5- TYPICAL JUNCTION CAPACITANCE
1
10
200
100
10
100
1000
6000
VWM, REVERSE STAND-OFF VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
VR=0
VR-RATED
STAND-OFF
VOLTAGE
20
2


Similar Part No. - SMBJ90A(CA)

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ90A JGD-SMBJ90A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ90A SOCAY-SMBJ90A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ90A LITTELFUSE-SMBJ90A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Zibo Seno Electronic En...
SMBJ90A ZSELEC-SMBJ90A Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMBJ90A WEITRON-SMBJ90A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ90A(CA)

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMAJ5.0 TAYCHIPST-SMAJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
logo
First Silicon Co., Ltd
5.0SMDJ11A FS-5.0SMDJ11A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
5.0SMDJXXCA FS-5.0SMDJXXCA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com