Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35XS3400 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 35XS3400
Description  Quad High Side Switch (Quad 35 mOhm)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

35XS3400 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 35XS3400 Datasheet HTML 3Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 4Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 5Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 6Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 7Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 8Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 9Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 10Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
35XS3400
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS
Battery Supply Voltage Range
Fully Operational
Extended mode(11)
VPWR
6.0
4.0
20
28
V
Battery Clamp Voltage(12)
VPWR(CLAMP)
41
47
53
V
VPWR Operating Supply Current
Outputs commanded ON,
HS[0:3] open, IN[0:3] > VIH
IPWR(ON)
6.5
20
mA
VPWR Supply Current
Outputs commanded OFF, OFF Open-load Detection Disabled,
HS[0:3] shorted to the ground with VDD= 5.5 V
WAKE > VIH or RST > VIH and IN[0:3] < VIL
IPWR(SBY)
6.0
8.0
mA
Sleep State Supply Current
VPWR = 12 V, RST = WAKE = IN[0:3] < VIL, HS[0:3] shorted to the
ground
TA = 25 °C
TA = 85 °C
IPWR(SLEEP)
1.0
5.0
30
μA
VDD Supply Voltage
VDD(ON)
3.0
5.5
V
VDD Supply Current at VDD = 5.5 V
No SPI Communication
8.0 MHz SPI Communication(13)
IDD(ON)
1.6
5.0
2.2
mA
VDD Sleep State Current at VDD = 5.5 V
IDD(SLEEP)
5.0
μA
Over-voltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Over-voltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Under-voltage Shutdown Threshold(14)
VPWR(UV)
3.3
3.9
4.3
V
VPWR and VDD Power on Reset Threshold
VSUPPLY(POR)
0.5
0.9
VPWR(UV)
VDD Supply Failure Threshold ( for VPWR > VPWR(UV) )
VDD(FAIL)
2.2
2.5
2.8
V
Recovery Under-voltage Threshold
VPWR(UV)_UP
3.4
4.1
4.5
V
OUTPUTS HS0 TO HS3
Output Drain-to-Source ON Resistance
(IHS = 2.0 A, TA = 25 °C)
VPWR = 4.0 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)_25
100
55
35
35
m
Ω
Notes
11.
In extended mode, the functionality is guaranteed but not the electrical parameters. From 4.0 to 6.0 V voltage range, the device is only
protected with the thermal shutdown detection.
12.
Measured with the outputs open.
13.
Typical value guaranteed per design.
14.
Output will automatically recover with time limited autoretry to instructed state when VPWR voltage is restored to normal as long as the
VPWR degradation level did not go below the under-voltage power-ON reset threshold. This applies to all internal device logic that is
supplied by VPWR and assumes that the external VDD supply is within specification.


Similar Part No. - 35XS3400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
More results

Similar Description - 35XS3400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
33874 FREESCALE-33874 Datasheet
895Kb / 37P
   Quad High-Side Switch (Quad 35 m??
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com