Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAG3110FCR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MAG3110FCR2
Description  Three-Axis, Digital Magnetometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110FCR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MAG3110FCR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MAG3110
Sensors
Freescale Semiconductor, Inc.
7
2.4
I2C Interface Characteristics
Table 6. I2C Slave Timing Values(1)
1. All values referred to VIH (min) and VIL (max) levels.
Parameter
Symbol
I2C Fast Mode
Unit
Min
Max
SCL Clock Frequency
Pullup = 1 k
Ω, C
b = 20 pF
fSCL
0
400
kHz
Bus Free Time between STOP and START Condition
tBUF
1.3
μs
Repeated START Hold Time
tHD;STA
0.6
μs
Repeated START Setup Time
tSU;STA
0.6
μs
STOP Condition Setup Time
tSU;STO
0.6
μs
SDA Data Hold Time(2)
2. tHD;DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
tHD;DAT
0.05(3)
3. A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VIH (min) of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4)
4. The maximum tHD;DAT could be must be less than the maximum of tVD;DAT or tVD;ACK by a transition time. This device does not stretch the
LOW period (tLOW) of the SCL signal.
μs
SDA Valid Time (5)
5. tVD;DAT = time for Data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;DAT
0.9(4)
μs
SDA Valid Acknowledge Time (6)
6. tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;ACK
0.9(4)
μs
SDA Setup Time
tSU;DAT
100(7)
7. A Fast mode I2C device can be used in a Standard mode I2C system, but the requirement tSU;DAT 250 ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the
SCL signal, it must output the next data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard mode I
2C
specification) before the SCL line is released. Also the acknowledge timing must meet this setup time
ns
SCL Clock Low Time
tLOW
1.3
μs
SCL Clock High Time
tHIGH
0.6
μs
SDA and SCL Rise Time
tr
20 + 0.1Cb
(8)
1000
ns
SDA and SCL Fall Time (3) (8) (9) (10)
8. Cb = total capacitance of one bus line in pF.
9. The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at 250 ns.
This allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding
the maximum specified tf.
10.In Fast mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should allow for
this when considering bus timing.
tf
20 + 0.1Cb
(8)
300
ns
Pulse width of spikes on SDA and SCL that must be suppressed by input filter
tSP
50
ns


Similar Part No. - MAG3110FCR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110FCR2 FREESCALE-MAG3110FCR2 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
More results

Similar Description - MAG3110FCR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Honeywell Solid State E...
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
MultiDimension Technolo...
USB25103 MULTIDIMENSION-USB25103 Datasheet
545Kb / 5P
   USB2510-Three Axis High Field USB Magnetometer
Ver. 1.0a
USB27053 MULTIDIMENSION-USB27053 Datasheet
998Kb / 5P
   USB27053 – Three-Axis Low-Field USB Magnetometer
Ver. 1.0a
USB21023 MULTIDIMENSION-USB21023 Datasheet
998Kb / 5P
   USB21023 – Three-Axis Low-Field USB Magnetometer
Ver. 1.0a
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
STMicroelectronics
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
   Sensor module:3-axis accelerometer and 3-axis magnetometer
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
   High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com