Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB280 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SB280
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SB280 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SB280 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SB280 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
20V-200V
2.0A
2 of 2
SB220-SB2200
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
SB
220
SB
230
SB
240
SB
250
SB
260
SB
280
SB
2100
Units
Maximum D.C Reverse Current
At Rated D.C Blocking Voltage
@ TA=25℃
@ TA=100℃
IR
1.0
10.0
mA
Forward Voltage @2A
VF
0.500
0.700
0.850
V
Total Capacitance
@VR=4V, f=1MHz
CT
170
pF
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted
FIG.1 - FORWARD CURRENT DERATING CURVE
1.5
2.0
2.5
1.0
0.5
0
0
25
50
75
100
125
150
175
RESISTIVE OR
INDUCTIVE LOAD
AMBIENT TEMPERATURE,
oC
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
10
20
30
40
50
1
10
100
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
TJ = 25
oC
0.10
1.00
50.00
10.00
0.01
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SB220~SB240
SB250~SB260
SB280~SB2100
Pulse width=300us
1% Duty Cycle
0.01
.01
0.1
10
1.0
0
20
40
60
80
100
120
140
TJ = 25
oC
TJ = 75
oC
TJ = 100
oC


Similar Part No. - SB280

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB280 PANJIT-SB280 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
SB280 BILIN-SB280 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SynSemi, Inc.
SB280 SYNSEMI-SB280 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
First Silicon Co., Ltd
SB280 FS-SB280 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
Formosa MS
SB280 FORMOSA-SB280 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
More results

Similar Description - SB280

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com