Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS205T3G Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MURS205T3G
Description  SURFACE MOUNT ULTRAFAST POWER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MURS205T3G Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  MURS205T3G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MURS205T3G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MURS205T3G Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURFACE MOUNT ULTRAFAST POWER RECTIFIERS
MURS205 THRU MURS210
50V-100V
2.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3 of 3
40
35
20
5
0
15
10
25
30
45
50
3
2.5
1
0
0.5
1.5
2
3.5
4
8
7
4
1
0
3
2
5
6
9
10
0
40
35
20
5
32
24
16
0
840
TC, CASE TEMPERATURE (°C)
VR, REVERSE VOLTAGE (VOLTS)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
RATED VOLTAGE APPLIED
RqJC = 13°C/W
TJ = 175°C
dc
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Case
Figure 8. Power Dissipation
15
10
25
30
45
50
412
20
2836
0
32
24
16
840
412
20
2836
80
160
140
120
100
180
90
110
130
150
170
0
2
1.5
1
0.5
2.5
NOTE: TYPICAL
CAPACITANCE AT
0 V = 44 V
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 47 V
TJ = 175°C
SQUARE WAVE
dc
SQUARE WAVE


Similar Part No. - MURS205T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS205T3G ONSEMI-MURS205T3G Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MURS205T3G ONSEMI-MURS205T3G Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
MURS205T3G ONSEMI-MURS205T3G_12 Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
More results

Similar Description - MURS205T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com