Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5913 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1N5913
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N5913 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N5913 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N5913 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1N5913 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3000mW
ZENER DIODES
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 3
1N5913-1N5956
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
MECHANICAL DATA
* Case : DO-15 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.335 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
Maximum Steady state Power Dissipation
3.0
W
@ TL = 75 ºC, Lead Length = 3/8"
Derate above 75 ºC
Steady State Power Dissipation
1.0
W
@ TL = 50 ºC, Lead Length = 3/8"
Derate above 50 ºC
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 200
°C
0
40
80
120
160
200
TL, LEAD TEMPERATURE (
°C)
6.67
mW/ºC
PD
PD
24
mW/ºC
1
L = LEAD LENGTH
TO HEAT SINK
Fig. 1 POWER TEMPERATURE DERATING CURVE
5
3
2
4
L = 1/8"
L = 3/8"
L = 1"
0


Similar Part No. - 1N5913

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913 MICROSEMI-1N5913 Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
First Components Intern...
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
New Jersey Semi-Conduct...
1N5913 NJSEMI-1N5913 Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Zibo Seno Electronic En...
1N5913 ZSELEC-1N5913 Datasheet
1Mb / 14P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
More results

Similar Description - 1N5913

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com