Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5MJ Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # U5MJ
Description  Thru - Hole Crystals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

U5MJ Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  U5MJ Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
○○
○○
-40 to 85°C
▲○
○○
± 10
± 15
± 20
Stability code
Temp. (ºC) \ ppm
X
± 5
-10 to 60°C
Table 2
± 50
○○
○○
± 25
± 30
HT1
T2
3.2 ± 0.2
9.8 ± 0.2
Mercury www .mercury-crystal.com
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
Y
I
-20 to 70°C
: available ; ▲: contact Mercury
○○
Table 1
Osc. Mode
8.0 ~ 8.9
AT , Fund.
80 Ω
6.0 ± 0.2
2.2 ± 0.2
U1
U1SL
8.0 ± 0.2
1.8 ± 0.2
U5
Osc. Mode
E.S.R.
Aging
Frequency Tolerance
Storage Temperature Range
F / F : ±3 ppm / year ( max. )
- 50°C to 105°C
AT-cut : ± 5 ppm , ± 10 ppm , ± 20 ppm or ± 30 ppm at 25°C
Frequency Stability
SL-cut : ± 50 ppm at 25°C
See Table 2
Load Capacitance
Item / Type
Drive Level
Series or Parallel ( 8 to 32 pF ) resonance
100μ W typical ( 500μ W max. )
2.6 ± 0.2
Specifications
Available up to 200 MHz using a 5th overtone crystal mode
Annealed and pre-aged for low frequency drift over a long-term operation
A round shaped AT-Cut crystal plate inside.
Frequency Range
U1
;
U1SL
;
U5
;
U1MJ
;
U5MJ
series
U1 & U1MJ : 1.0 ~ 1.2MHz , 4.0 ~ 200.0MHz ; U5 : 10.0 ~ 200MHz
11.8 ± 0.2
W
E.S.R.
80 Ω
8.0 ± 0.2
Freq.(MHz)
35.1 ~ 90.0
AT , 3rd
Osc. Mode
± 100 (SL-cut )
Freq.(MHz)
E.S.R.
Osc. Mode
90.1 ~ 159.0
AT , 5th
90.1 ~ 135.0
AT , 3rd
Freq.(MHz)
Freq.(MHz)
AT , 3rd
50 Ω
160.0 ~ 200.0
AT , 5th
60 Ω
E.S.R.
1.0 ~ 1.2
SL , Fund.
5K Ω
11.0 ~ 12.9
AT , Fund.
40 Ω
10.0 ~ 11.9
AT , Fund.
60 Ω
AT , Fund.
25 Ω
12.0 ~ 14.9
AT , Fund.
6.0 ~ 6.9
AT , Fund.
100 Ω
13.0 ~ 45.0
15.0 ~ 35.0
AT , Fund.
30 Ω
40 Ω
50 Ω
80 Ω
90 Ω
30.0 ~ 50.0
AT , 3rd
40 Ω
Dip type ( U1 , U1SL , U5 )
Metal jacket ( U1MJ , U5MJ )
AT , 5th
9.0 ~ 10.9
AT , Fund.
90 Ω
80.0 ~ 200.0
8.0 ± 0.2
U5MJ
6.0 ± 0.2
3.2 ± 0.2
H
U1MJ
2.2 ± 0.2
Thru - Hole Crystals
Fund.
U1 & U1MJ ESR ( Equivalent Series Resistance )
U5 & U5MJ ESR ( Equivalent Series Resistance )
50.1 ~ 100.0
100 Ω
7.0 ~ 7.9
AT , Fund.
U1 , U5
U1SL
[ 7.8 * 3.2 * 8.0 ( 6.0 ) mm ]
[ 7.8 * 2.6 * 8.0 mm ]
Outline Dimensions ( Unit : mm )
200MHz
Features
General Specifications
Frequency stability vs Operating temperature range
3rd O.T.
5th O.T.
Min.
Max.
1.0MHz


Similar Part No. - U5MJ

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
U5MJ MERCURY-U5MJ_15 Datasheet
103Kb / 1P
   A round shaped AT-Cut crystal plate inside.
More results

Similar Description - U5MJ

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
   Thru - Hole Crystals
HUS MERCURY-HUS Datasheet
104Kb / 1P
   Thru - Hole Crystals
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
   THROUGH-HOLE CRYSTALS
HC51 EUROQUARTZ-HC51 Datasheet
81Kb / 1P
   THROUGH-HOLE CRYSTALS
HC35 EUROQUARTZ-HC35 Datasheet
152Kb / 1P
   THROUGH-HOLE CRYSTALS
UM-1SL EUROQUARTZ-UM-1SL Datasheet
87Kb / 1P
   THROUGH-HOLE CRYSTALS
logo
ECS, Inc.
ECS-31X ECS-ECS-31X_17 Datasheet
522Kb / 2P
   low frequency tuning fork crystals offer low frequencies in a compact thru hole package
logo
List of Unclassifed Man...
AWT3 ETC2-AWT3 Datasheet
46Kb / 1P
   Through Hole Tuning Fork Crystals
logo
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
   Through Hole Tuning Fork Crystals
logo
MTRONPTI
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
   Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com