Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP8-04 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BP8-04
Description  8A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BP8-04 Datasheet(HTML) 2 Page - Frontier Electronics.

  BP8-04 Datasheet HTML 1Page - Frontier Electronics. BP8-04 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP8-005 THRU BP8-10
Page: 2
RATINGS AND CHARACTERISTIC CURVES BP8-005 THRU BP8-10
FIG. 5 - TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OR RATED PEAK
REVERSE VOLTAGE
TJ=25ºC
FIG. 2 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
100
50
10
5
1
5
10
50
100
REVERSE VOLTAGE , VOLTS
TJ=25ºC
f=1MHZ
Vsig=50m Vp-p
TJ=150ºC
FIG. 4 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
150
125
100
75
50
25
1
2
4
6
810
20
40 60
100
NUMBER OF CYCLES AT 60HZ
SINGLE SINE-WAVE
(JEDEC Method)
BP8 SERIES
100
10
1.0
0. 1
.01
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25ºC
300us = Pulse Width
10% Duty Cycle
FIG. 1 -BP8 SERIES DERATING CURVE
FOR OUTPUT RECTIFIED CURRENT
10
8.0
6.0
4.0
2.0
0
0
20
50
80
100
120
150
TEMPERATURE, ºC
Case Mounted on
6.0x6.0x.06” thick
(150x150x1.5mm)
Copper Plate
PC Board Mounted.
WITH .375”( 9.5mm)
Lead Lengths


Similar Part No. - BP8-04

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP8-12 BB-BATTERY-BP8-12 Datasheet
165Kb / 1P
   VRLA Rechargeable Battery
BP8-6 BB-BATTERY-BP8-6 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
BP8-6FR BB-BATTERY-BP8-6FR Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
BP8-6V BB-BATTERY-BP8-6V Datasheet
189Kb / 1P
   VRLA Rechargeable Battery
BP8-6VFR BB-BATTERY-BP8-6VFR Datasheet
189Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - BP8-04

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SLBF8M SKTECHNOLGY-SLBF8M Datasheet
518Kb / 3P
   8A SURFACE MOUNT BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TU800G TAITRON-TU800G Datasheet
194Kb / 4P
   8A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
UR8KB60 TSC-UR8KB60 Datasheet
303Kb / 5P
   8A, 600V - 1000V Bridge Rectifier
logo
International Rectifier
KBPC6005 IRF-KBPC6005 Datasheet
163Kb / 4P
   6A, 8A Single Phase Rectifier Bridge
logo
Nell Semiconductor Co.,...
GBU8 NELLSEMI-GBU8 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
KBJ8 NELLSEMI-KBJ8 Datasheet
231Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
logo
Frontier Electronics.
BJ8-005 FRONTIER-BJ8-005 Datasheet
123Kb / 2P
   8A BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
TU800 TAITRON-TU800 Datasheet
201Kb / 4P
   8A Bridge Rectifiers
logo
ON Semiconductor
NCV7729 ONSEMI-NCV7729 Datasheet
257Kb / 26P
   8A H-Bridge Driver
April, 2010 ??Rev. 0
logo
Sanyo Semicon Device
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
   90V, 8A Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com