Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL4-10 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BL4-10
Description  4A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BL4-10 Datasheet(HTML) 1 Page - Frontier Electronics.

  BL4-10 Datasheet HTML 1Page - Frontier Electronics. BL4-10 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BL4-005 THRU BL4-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
4A BRIDGE RECTIFIER
BL4-005 THRU BL4-10
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
TYPICAL IR LESS THAN 1
μA
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED: 260
°C /10S
0.375” (9.5mm) LEAD LENGTH / 5LBS., (2.3KG) TENSION
SURGE OVERLOAD RATING: 200A PEAK
MECHANICAL DATA
CASE: VOID FREE PLASTIC PACKAGE
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD-202
METHOD 208
MOUNTING POSITION: ANY
WEIGHT: 5.6 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BL4-005 BL4-01
BL4-02
BL4-04
BL4-06
BL4-08
BL4-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT
CURRENT AT 40
°C TA
IO
4.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
200
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BL4-005 BL4-01
BL4-02
BL4-04
BL4-06
BL4-08
BL4-10 UNITS
MAXIMUM FORWARD VOLTAGE DROP PER BRIDGE ELEMENT
AT 4.0A PEAK
VF
1.0
V
MAXIMUM REVERSE CURRENT AT RATED DC BLOCKING
VOLTAGE PER ELEMENT
IR
10
μA
0.640(16.3)
0.600(15.2)
0.083
(2.1)
0.256(6.5)
0.236(6.0)
0.220(5.6)
0.180(4.6)
0.052(1.3) DIA
0.048(1.2)TYP
0.750
(19.0)
MIN
0.580(14.7)
0.540(13.7)
0.768(19.5)
0.728(18.5)
AC


Similar Part No. - BL4-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL4-10G FRONTIER-BL4-10G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-10G-LFR FRONTIER-BL4-10G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - BL4-10

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
   4A Bridge Rectifier
logo
Frontier Electronics.
BL4-06-BF52-LFR FRONTIER-BL4-06-BF52-LFR Datasheet
121Kb / 2P
   4A BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
   4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MSB403E YFWDIODE-MSB403E Datasheet
293Kb / 3P
   4A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com