Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ110-LFR Datasheet(PDF) 4 Page - Frontier Electronics.

Part # 3.0SMCJ110-LFR
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3.0SMCJ110-LFR Datasheet(HTML) 4 Page - Frontier Electronics.

  3.0SMCJ110-LFR Datasheet HTML 1Page - Frontier Electronics. 3.0SMCJ110-LFR Datasheet HTML 2Page - Frontier Electronics. 3.0SMCJ110-LFR Datasheet HTML 3Page - Frontier Electronics. 3.0SMCJ110-LFR Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.0SMCJ5.0-LFR THRU 3.0SMCJ170A-LFR
Page: 4
RATINGS AND CHARACTERISTIC CURVES 3.0SMCJ5.0-LFR THRU
3.0SMCJ170A-LFR
0
25
50
75
100
125
150
175
200
1
5
10
50
100
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1US
1.0US
10US
100US
1.0MS
10MS
td, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25℃
FIG. 3 - PULSE WAVEFORM
10 / 1000
μ A
150
100
50
0
0
1.0
2.0
3.0
4.0
t, TIME, ms
PULSE WIDTH ?(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of Ipp
tr=10usec.
PEAK VALUE
Ippm
10/1000usec. WAVEFORM
as DEFINED by R.E.A.
HALF VALUE
td
Ipp
2
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
TA, AMBIENT TEMPERATURE,
FIG.6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
250
100
50
10
NUMBER OF CYCLES AT 60HZ
0
10
20
30
FIG.5 – PULSE WAVEFORM
8 / 20
μ s
100
50
0
TEST WAVEFORM
PARAMETERS
tr =
8
μ sec
td = 20
μ sec
Half Value –
@ td
Ipp
_____
2
t – Time - usec
t r
Peak Value - Ipp
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
100,000
10,000
1,000
100
5.0
10
20
50
100
200
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
MEASURED at
STAND-OFF
VOLTAGE, VWM
Unidirectional
- - - - - -
Bidirectional
______
TJ=25℃
f=1 MHZ
Vsig=50mVp-p
MEASURED at
ZERO BIAS


Similar Part No. - 3.0SMCJ110-LFR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ110 WTE-3.0SMCJ110 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
3.0SMCJ110 YEASHIN-3.0SMCJ110 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ110 WTE-3.0SMCJ110 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3.0SMCJ110 RECTRON-3.0SMCJ110 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Taiwan Semiconductor Co...
3.0SMCJ110 TSC-3.0SMCJ110 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ110-LFR

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com