Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ25-06 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BJ25-06
Description  25A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BJ25-06 Datasheet(HTML) 1 Page - Frontier Electronics.

  BJ25-06 Datasheet HTML 1Page - Frontier Electronics. BJ25-06 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BJ25-005 THRU BJ25-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
25A BRIDGE RECTIFIERS
BJ25-005 THRU BJ25-10
FEATURES
DIFFUSED JUNCTION
LOW FORWARD VOLTAGE DROP
HIGH CURRENT CAPABILITY
HIGH SURGE CURRENT CAPABILITY
IDEAL FOR PRINTED CIRCUIT BOARDS
MECHANICAL DATA
CASE: MOLDED PLASTIC
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: PLATED LEADS SOLDERABLE PER
MIL-STD-202, METHOD 208V
POLARITY: AS MARKED ON BODY
WEIGHT: 4.0 GRAMS
MOUNTING POSITION: ANY
MARKING: TYPE NUMBER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BJ25-005 BJ25-01 BJ25-02 BJ25-04 BJ25-06 BJ25-08 BJ25-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
AVERAGE RECTIFIED OUTPUT CURRENT @ TC = 100°C
( NOTE 1 )
IO
25
A
NON-REPETITIVE PEAK FORWARD SURGE CURRENT 8.3MS
SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD)
IFSM
300
A
FORWARD VOLTAGE ( PER ELEMENT ) @ IF = 12.5A
VFM
1.0
V
PACK REVERSE CURRENT
@ Ta=25°C
AT RATED DC BLOCKING VOLTAGE
@Tc=100°C
IR
10
200
μ A
OPERATING AND STORAGE TEMPERATURE RANGE
Tj ,TSTG
- 55 TO + 150
°C
NOTE:
1. DEVICE MOUNTED ON 7.5 x 7.5 x 0.8
cm THICK AL PLATE HEAT SINK
BJ - 25
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
5.0
D
17.0
18.0
E
3.8
4.2
G
3.1Ø
3.65 Ø
H
2.3
2.7
J
0.9
1.1
K
1.8
2.2
L
0.6
0.8
M
4.4
5.3
N
3.4
4.35
P
9.8
10.2
R
7.3
7.7
S
10.8
12.2
T
2.5
3.4
All Dimensions In mm
C
A
R
k
J
H
P
R
B
E
D
G
T
S
G
L
M
N


Similar Part No. - BJ25-06

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BJ2-005 FRONTIER-BJ2-005 Datasheet
120Kb / 2P
   2A BRIDGE RECTIFIER
BJ2-01 FRONTIER-BJ2-01 Datasheet
120Kb / 2P
   2A BRIDGE RECTIFIER
BJ2-02 FRONTIER-BJ2-02 Datasheet
120Kb / 2P
   2A BRIDGE RECTIFIER
BJ2-04 FRONTIER-BJ2-04 Datasheet
120Kb / 2P
   2A BRIDGE RECTIFIER
BJ2-06 FRONTIER-BJ2-06 Datasheet
120Kb / 2P
   2A BRIDGE RECTIFIER
More results

Similar Description - BJ25-06

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP25-005L-LFR FRONTIER-BP25-005L-LFR Datasheet
124Kb / 2P
   25A HIGH CURRENT BRIDGE RECTIFIERS
BP25-005L FRONTIER-BP25-005L Datasheet
124Kb / 2P
   25A HIGH CURRENT BRIDGE RECTIFIERS
BP25-005G FRONTIER-BP25-005G Datasheet
129Kb / 2P
   25A HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_16 Datasheet
211Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
GBJ25005 CITC-GBJ25005 Datasheet
94Kb / 3P
   25A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Leshan Radio Company
25ABRIDGERECTIFIERS LRC-25ABRIDGERECTIFIERS Datasheet
72Kb / 2P
   25A BRIDGE RECTFIERS
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
logo
TAITRON Components Inco...
ARS2505 TAITRON-ARS2505 Datasheet
130Kb / 4P
   25A Automotive Rectifiers
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
   25A Automotive Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com