Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ15-005 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BJ15-005
Description  15A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BJ15-005 Datasheet(HTML) 2 Page - Frontier Electronics.

  BJ15-005 Datasheet HTML 1Page - Frontier Electronics. BJ15-005 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BJ15-005 THRU BJ15-10
Page: 2
RATINGS AND CHARACTERISTIC CURVES BJ15-005 THRU BJ15-10
FIG. 1 – FORWARD CURRENT DERATING
CURVE
0
25
50
75
100
125
150
CASE TEMPERATURE (
℃)
18
15
12
9
6
3
0
RESISTIVE OR
INDUCTIVE LOAD
1
10
100
NUMBER OF CYCLES AT 60HZ
200
150
100
50
0
FIG. 3 - MAXIMUM NON – REPETITIVE
SURGE CURRENT
TJ=25℃
SINGLE SINE -WAVE
(JEDEC METHOD )
TJ=25
0.0 0.2
0.6
1.0
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 2 – TYPICAL FWD CHARACTERISTICS,
PER ELEMENT
100
10
1.0
0.1
PULSE WIDTH = 300
μ s
FIG. 4 - TYPICAL JUNCTION
CAPACITANCE
1000
100
10
REVERSE VOLTAGE (V)
1
10
100
Tj = 25
f = 1.0 MHZ


Similar Part No. - BJ15-005

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
BJ159AC-201 ALLEGRO-BJ159AC-201 Datasheet
56Kb / 1P
   RED INDICATES ORIGINAL
More results

Similar Description - BJ15-005

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
15ABRIDGERECTIFIERS LRC-15ABRIDGERECTIFIERS Datasheet
71Kb / 2P
   15A BRIDGE RECTIFIERS
S15VB100 LRC-S15VB100 Datasheet
71Kb / 2P
   15A BRIDGE RECTIFIERS
D15SB10 LRC-D15SB10 Datasheet
62Kb / 2P
   15A(SIP) BRIDGE RECTIFIERS
logo
Frontier Electronics.
BP15-005G FRONTIER-BP15-005G Datasheet
129Kb / 2P
   15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP15-005 FRONTIER-BP15-005 Datasheet
129Kb / 2P
   15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
GBJ15005 CITC-GBJ15005 Datasheet
93Kb / 3P
   15A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A Datasheet
50Kb / 3P
   15A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com