Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69F735ZP7R Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM69F735ZP7R
Description  128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F735ZP7R Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM69F735ZP7R Datasheet HTML 6Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 7Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 8Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 9Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 10Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 11Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 12Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 13Page - Motorola, Inc MCM69F735ZP7R Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MCM69F735
10
MOTOROLA FAST SRAM
(b) Pull–Up for 2.5 V I/O Supply
(c) Pull–Down for 3.3 V and 2.5 V I/O Supply
VOLTAGE (V)
PULL–UP
I (mA) MIN
I (mA) MAX
– 0.5
0
0.8
1.25
1.5
2.3
2.7
2.9
– 26
– 26
– 26
– 18
– 14
0
0
0
– 75
– 75
– 75
– 58
– 49
– 21
– 7
0
Figure 4. Typical Output Buffer Characteristics
2.9
2.5
2.3
2.1
1.25
0.8
0
0
– 26
– 75
CURRENT (mA)
VDD
1.8
1.65
0.3
0
0
46
120
CURRENT (mA)
VOLTAGE (V)
PULL–DOWN
I (mA) MIN
I (mA) MAX
– 0.5
0
0.5
1
1.65
1.8
3.6
4
– 34
0
17
35
45
46
46
46
– 126
0
47
90
114
120
120
120
(a) Pull–Up for 3.3 V I/O Supply
VOLTAGE (V)
PULL–UP
I (mA) MIN
I (mA) MAX
– 0.5
0
1.4
1.65
2.0
3.135
3.6
– 40
– 40
– 40
– 37
– 28
0
0
– 120
– 120
– 120
– 104
– 81
– 20
0
3.135
2.8
1.65
1.4
0
0– 40
CURRENT (mA)
3.6
– 120


Similar Part No. - MCM69F735ZP7R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F735ZP7R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com