Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ16 Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 3.0SMCJ16
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3.0SMCJ16 Datasheet(HTML) 3 Page - Frontier Electronics.

  3.0SMCJ16 Datasheet HTML 1Page - Frontier Electronics. 3.0SMCJ16 Datasheet HTML 2Page - Frontier Electronics. 3.0SMCJ16 Datasheet HTML 3Page - Frontier Electronics. 3.0SMCJ16 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.0SMCJ5.0 THRU 3.0SMCJ170A
Page: 3
DEVICE
MARKING
CODE
BREAKDOWN VOLTAGE
V(BR) (VOLTS) at IT
DEVICE
UNI
BI
WORKING
PEAK
REVERSE
VOLTAGE
VWM(VOLTS)
MIN
MAX
TEST
CURRENT
IT(mA)
MAXIMUM
Clamping
VOLTAGE
AT IPPM
VC(Volts)
(Note 2)
MAX
PEAK PULSE
SURGE CURRENT
IPPM
(NOTE 2)
(Amps)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID(μA)
3.0SMCJ51
3.0SMCJ51A
3.0SMCJ54
3.0SMCJ54A
3.0SMCJ58
3.0SMCJ58A
3.0SMCJ60
3.0SMCJ60A
3.0SMCJ64
3.0SMCJ64A
3.0SMCJ70
3.0SMCJ70A
3.0SMCJ75
3.0SMCJ75A
3.0SMCJ78
3.0SMCJ78A
3.0SMCJ85
3.0SMCJ85A
3.0SMCJ90
3.0SMCJ90A
3.0SMCJ100
3.0SMCJ100A
3.0SMCJ110
3.0SMCJ110A
3.0SMCJ120
3.0SMCJ120A
3.0SMCJ130
3.0SMCJ130A
3.0SMCJ150
3.0SMCJ150A
3.0SMCJ160
3.0SMCJ160A
3.0SMCJ170
3.0SMCJ170A
HFY
HFZ
HGD
HGE
HGF
HGG
HGH
HGK
HGL
HGM
HGN
HGP
HGQ
HGR
HGS
HGT
HGU
HGV
HGW
HGX
HGY
HGZ
HHD
HHE
HHF
HHG
HHH
HHK
HHL
HHM
HHN
HHP
HHQ
HHR
IFY
IFZ
IGD
IGE
IGF
IGG
IGH
IGK
IGL
IGM
IGN
IGP
IGQ
IGR
IGS
IGT
IGU
IGV
IGW
IGX
IGY
IGZ
IHD
IHE
IHF
IHG
IHH
IHK
IHL
IHM
IHN
IHP
IHQ
IHR
51
51
54
54
58
58
60
60
64
64
70
70
75
75
78
78
85
85
90
90
100
100
110
110
120
120
130
130
150
150
160
160
170
170
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
83.3
83.3
86.7
86.7
94.4
94.4
100
100
111
111
122
122
133
133
144
144
167
167
178
178
189
189
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
86.9
78.6
95.1
86.0
102.0
92.1
106.0
95.8
115.0
104.0
122.0
111.0
136.0
123.0
149.0
135.0
163.0
147.0
176.0
159.0
204.0
185.0
218.0
197.0
231.0
209.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
91.1
82.4
96.3
87.1
103.0
93.0
107.0
96.0
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
268.0
243.0
287.0
259.0
304.0
275.0
37.0
36.4
31.2
34.4
39.2
32.0
28.0
31.0
26.4
29.2
24.0
26.6
22.4
24.8
21.6
23.8
19.8
21.9
18.8
20.6
16.6
18.6
15.4
16.8
14.0
15.6
13.0
14.4
11.2
12.4
10.4
11.6
9.8
11.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
NOTE
: 1. VF=3.5V on 3.0SMCJ5.0 thru 90A devices and VF=5.0V on 3.0SMCJ100 thru 170A devices at IF=25A on
½ Square or Equivalent Sine Wave. PW = 8.3ms , Duty Cycle = 4 Pulses per Minute Maximum
2. For Bipolar types with VR of 10 volts and under , the IR limit is doubled
3. Mounted on 5.0mm2 copper pads to each terminal.
4. For Bidirectional use C suffix for 10
﹪ tolerance , CA suffix for 5﹪ tolerance


Similar Part No. - 3.0SMCJ16

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ16 WTE-3.0SMCJ16 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
3.0SMCJ16 YEASHIN-3.0SMCJ16 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ16 WTE-3.0SMCJ16 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3.0SMCJ16 RECTRON-3.0SMCJ16 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Taiwan Semiconductor Co...
3.0SMCJ16 TSC-3.0SMCJ16 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ16

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com