Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-155-3811 Datasheet(PDF) 1 Page - Tyco Electronics

Part # B-155-3811
Description  SOLDERSLEEVE ONE STEP SHIELD TERMINATOR, LEAD-FREE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

B-155-3811 Datasheet(HTML) 1 Page - Tyco Electronics

  B-155-3811 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
SOLDERSLEEVE ONE STEP SHIELD
TERMINATOR, LEAD-FREE
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
B-155-38XX
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
Rev:
B1
DATE:
16-Apr-11
PREPARED BY:
L RODRIGUEZ
DCR NUMBER:
D060320
REPLACES:
D050171
CAGE CODE :
06090
SCALE:
---
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11
© 2005, 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revisions
Product Dimensions
Cable Dimensions
Product
Name
L
max
øA
min
B
max
øC
min
øD
min
Qty:
Item 2
B-155-3801
A
1.7 [0.065]
1.7 [[0.065]
0.9 [0.035]
0.4 [0.015]
1
B-155-3802
B
26.0 [1.025)
1.95 [0.075]
1.95 [0.075]
1.1 [0.045]
0.6 [0.025]
1
B-155-3803
A
2.7 [0.105]
2.7 [0.105]
1.8 [0.070]
1.3 [0.050]
1
B-155-3805
A
4.5 [0.180]
4.5 [0.180]
2.3 [0.090]
1.8 [0.070]
1
B-155-3806
A
6.0 [0.235]
6.0 [0.235]
3.3 [0.130]
2.8 [0.110]
1
B-155-3807
A
7.0 [0.275]
7.0 [0.275]
3.7 [0.145]
3.2 [0.125]
1
B-155-3809
A
8.7 [0.340]
8.7 [0.340]
4.2 [0.165]
3.7 [0.145]
2
B-155-3810
A
9.7 [0.382]
9.7 [0.382]
6.8 [0.268]
6.0 [0.236]
2
B-155-3811
A
10.7 [0.420]
10.7 [0.420]
7.1 [0.280]
6.6 [0.260]
2
B-155-3813
A
42.0 [1.655]
13.0 [0.510]
13.0 [0.510]
8.9 [0.350]
8.4 [0.330]
1
MATERIAL
1. INSULATION SLEEVE: Heat-shrinkable, transparent clear, radiation cross-linked modified polyolefin.
2. SOLDER PREFORM WITH FLUX: Qty: see table (one solder washer shown).
SOLDER:
TYPE Sn42Bi58 per ANSI / J-STD-006.
FLUX:
TYPE ROM1 per ANSI / J-STD-004.
3. MELTABLE RING: Thermally stabilized thermoplastic. Color: clear.
4. MELTABLE RING: Thermally stabilized thermoplastic. Color: blue.
APPLICATION
1. These controlled soldering devices are designed for termination of a bare or tin-plated copper shield on a cable, having an
Insulation rated for at least +85C minimum.
2. Temperature range: -55C to +125C.
3. When installed properly, it will meet the performance requirements of TE Connectivity / Raychem Specification RT-1404.
4. For installation procedure and application equipment consult RPIP-824-00 or H54286.
For best results, prepare
the cable as shown:


Similar Part No. - B-155-3811

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
B-155-9001 TEC-B-155-9001 Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
B-155-9002 TEC-B-155-9002 Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
B-155-9003 TEC-B-155-9003 Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
B-155-9004 TEC-B-155-9004 Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
B-155-9005 TEC-B-155-9005 Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
More results

Similar Description - B-155-3811

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
B-155-90XX TEC-B-155-90XX Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
logo
PANDUIT CORP.
D-108-00 PANDUIT-D-108-00 Datasheet
30Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-104-00 PANDUIT-D-104-00 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-103-00 PANDUIT-D-103-00 Datasheet
114Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-142-65 PANDUIT-D-142-65 Datasheet
40Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR
logo
Tyco Electronics
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
SO96-X-00 TEC-SO96-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR IMMERSION RESISTANT, HIGH TEMP.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com