Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5358B Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 1N5358B
Description  5 WATT SILICON ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5358B Datasheet(HTML) 3 Page - Frontier Electronics.

  1N5358B Datasheet HTML 1Page - Frontier Electronics. 1N5358B Datasheet HTML 2Page - Frontier Electronics. 1N5358B Datasheet HTML 3Page - Frontier Electronics. 1N5358B Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N5333B THRU 1N5388B
Page: 3
RATING AND CHARACTERISTIC CURVES 1N5333B THRU 1N5388B
TEMPERATURE COEFFICIENTS
Figure 1. Temperature Coefficient-Range
for Units 3 to 10 Volts
RANGE
8
6
4
2
0
0
30
60
90
120
150
TL, LEAD TEMPERATUE (
℃)
Figure 2. Power Temperature Derating
Curve
L=1/8”
L=3/8”
L=1”
L=LEAD LENGTH
TO HEAT SINK
(SEE FIGURE 5)
10
8
6
4
2
0
-2
3
4
5
6
7
8
9
10
VZ, ZENER VOLTAGE
@I
ZT (VOLTS)
NOTE: BELOW 0.1 SECOND, THERMAL
RESPONSE CURVE IS APPLICABLE
TO ANY LEAD LENGTH (L).
DUTY CYCLE, D=t1/t2
SINGLE PULSE
△ T
JLJL(t)PPK
REPETITIVE PULSES
△ T
JLJL(t,D)PPK
D=0.05
D=0.2
D=0.1
D=0
D=0.01
D=0.5
PPK
t1
t2
20
10
5
2
1
0.5
0.2
0.001
0.005
0.01
0.05
0.1
0.5
1
5
10
20
50
100
t, TIME (SECONDS)
Figure 3. Typical Thermal Response
L, Lead Length=3/8 Inch
RANGE
PRIMARY PATH OF
CONDUCTION THROUGH
THE CATHODE LEAD
L
L
VZ, ZENER VOLTAGE
@I
ZT (VOLTS)
Figure 4. Temperature Coefficient-Range
for Units 10 to 220 Volts
300
200
100
50
30
20
10
5
0
20
40
60
80
100 120
140 160
180
200 220
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
LEAD LENGTH TO HEAT SINK (INCHES)
Figure 5. Typical Thermal Resistance


Similar Part No. - 1N5358B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5358B MOTOROLA-1N5358B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5358B MICROSEMI-1N5358B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Semikron International
1N5358B SEMIKRON-1N5358B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
1N5358B LUGUANG-1N5358B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
EIC discrete Semiconduc...
1N5358B EIC-1N5358B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5358B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
   SILICON 5 WATT ZENER DIODES
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
ZSL30-6.8B FRONTIER-ZSL30-6.8B Datasheet
127Kb / 3P
   3 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com