Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ6.5A-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 3.0SMCJ6.5A-LFR
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3.0SMCJ6.5A-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  3.0SMCJ6.5A-LFR Datasheet HTML 1Page - Frontier Electronics. 3.0SMCJ6.5A-LFR Datasheet HTML 2Page - Frontier Electronics. 3.0SMCJ6.5A-LFR Datasheet HTML 3Page - Frontier Electronics. 3.0SMCJ6.5A-LFR Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.0SMCJ5.0-LFR THRU 3.0SMCJ170A-LFR
Page: 2
DEVICE
MARKING
CODE
BREAKDOWN VOLTAGE
V(BR) (VOLTS) at IT
DEVICE
UNI
BI
WORKING
PEAK
REVERSE
VOLTAGE
VWM(VOLTS)
MIN
MAX
TEST
CURRENT
IT(mA)
MAXIMUM
Clamping
VOLTAGE
AT IPPM
VC(Volts)
(Note 2)
MAX
PEAK PULSE
SURGE CURRENT
IPPM
(NOTE 2)
(Amps)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID(μA)
3.0SMCJ5.0-LFR
3.0SMCJ5.0A-LFR
3.0SMCJ6.0-LFR
3.0SMCJ6.0A-LFR
3.0SMCJ6.5-LFR
3.0SMCJ6.5A-LFR
3.0SMCJ7.0-LFR
3.0SMCJ7.0A-LFR
3.0SMCJ7.5-LFR
3.0SMCJ7.5A-LFR
3.0SMCJ8.0-LFR
3.0SMCJ8.0A-LFR
3.0SMCJ8.5-LFR
3.0SMCJ8.5A-LFR
3.0SMCJ9.0-LFR
3.0SMCJ9.0A-LFR
3.0SMCJ10-LFR
3.0SMCJ10A-LFR
3.0SMCJ11-LFR
3.0SMCJ11A-LFR
3.0SMCJ12-LFR
3.0SMCJ12A-LFR
3.0SMCJ13-LFR
3.0SMCJ13A-LFR
3.0SMCJ14-LFR
3.0SMCJ14A-LFR
3.0SMCJ15-LFR
3.0SMCJ15A-LFR
3.0SMCJ16-LFR
3.0SMCJ16A-LFR
3.0SMCJ17-LFR
3.0SMCJ17A-LFR
3.0SMCJ18-LFR
3.0SMCJ18A-LFR
3.0SMCJ20-LFR
3.0SMCJ20A-LFR
3.0SMCJ22-LFR
3.0SMCJ22A-LFR
3.0SMCJ24-LFR
3.0SMCJ24A-LFR
3.0SMCJ26-LFR
3.0SMCJ26A-LFR
3.0SMCJ28-LFR
3.0SMCJ28A-LFR
3.0SMCJ30-LFR
3.0SMCJ30A-LFR
3.0SMCJ33-LFR
3.0SMCJ33A-LFR
3.0SMCJ36-LFR
3.0SMCJ36A-LFR
3.0SMCJ40-LFR
3.0SMCJ40A-LFR
3.0SMCJ43-LFR
3.0SMCJ43A-LFR
3.0SMCJ45-LFR
3.0SMCJ45A-LFR
3.0SMCJ48-LFR
3.0SMCJ48A-LFR
HDD
HDE
HDF
HDG
HDH
HDK
HDL
HDM
HDN
HDP
HDQ
HDR
HDS
HDT
HDU
HDV
HDW
HDX
HDY
HDZ
HED
HEE
HEF
HEG
HEH
HEK
HEL
HEM
HEN
HEP
HEQ
HER
HES
HET
HEU
HEV
HEW
HEX
HEY
HEZ
HFD
HFE
HFF
HFG
HFH
HFK
HFL
HFM
HFN
HFP
HFQ
HFR
HFS
HFT
HFU
HFV
HFW
HFX
IDD
IDE
IDF
IDG
IDH
IDK
IDL
IDM
IDN
IDP
IDQ
IDR
IDS
IDT
IDU
IDV
IDW
IDX
IDY
IDZ
IED
IEE
IEF
IEG
IEH
IEK
IEL
IEM
IEN
IEP
IEQ
IER
IES
IET
IEU
IEV
IEW
IEX
IEY
IEZ
IFD
IFE
IFF
IFG
IFH
IFK
IFL
IFM
IFN
IFP
IFQ
IFR
IFS
IFT
IFU
IFV
IFW
IFX
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45
48
48
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.0
10.0
11.1
11.1
12.2
12.2
13.3
13.3
14.4
14.4
15.6
15.6
16.7
16.7
17.8
17.8
18.9
18.9
20.0
20.0
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7
40.0
40.0
44.4
44.4
47.8
47.8
50.0
50.0
53.3
53.3
7.82
7.07
8.15
7.37
8.82
7.98
9.51
8.60
10.2
9.21
10.9
9.83
11.5
10.4
12.2
11.1
13.6
12.3
14.9
13.5
16.3
14.7
17.6
15.9
19.1
17.2
20.4
18.5
21.8
19.7
23.1
20.9
24.4
22.1
27.1
24.5
29.8
26.9
32.6
29.5
35.3
31.9
38.0
34.4
40.7
36.8
44.9
40.6
48.9
44.2
54.3
49.1
58.4
52.8
61.1
55.3
65.1
58.9
10
10
10
10
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.0
45.4
53.5
48.4
59.0
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
72.7
85.5
77.4
312.5
326.0
263.2
291.3
243.9
267.9
225.6
250.0
209.8
232.6
200.0
220.6
188.8
208.4
177.4
194.8
159.6
176.4
149.2
164.8
136.4
150.6
126.0
139.4
116.2
129.4
111.6
123.0
104.2
115.4
98.4
108.7
93.2
102.8
83.8
92.6
76.2
84.4
69.8
77.2
64.4
71.2
60.0
66.0
56.0
62.0
50.4
56.2
46.6
51.6
42.0
46.4
39.2
43.2
37.4
41.2
35.0
38.8
800
800
800
800
500
500
200
200
100
100
50.0
50.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0


Similar Part No. - 3.0SMCJ6.5A-LFR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ6.5A WTE-3.0SMCJ6.5A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
3.0SMCJ6.5A FCI-3.0SMCJ6.5A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3.0SMCJ6.5A WTE-3.0SMCJ6.5A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
3.0SMCJ6.5A FORMOSA-3.0SMCJ6.5A Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
3.0SMCJ6.5A TSC-3.0SMCJ6.5A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ6.5A-LFR

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com