Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402TFN20 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0402TFN20
Description  SMD Thin Film (Ceramic) Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402TFN20 Datasheet(HTML) 2 Page - Frontier Electronics.

  0402TFN20 Datasheet HTML 1Page - Frontier Electronics. 0402TFN20 Datasheet HTML 2Page - Frontier Electronics. 0402TFN20 Datasheet HTML 3Page - Frontier Electronics. 0402TFN20 Datasheet HTML 4Page - Frontier Electronics. 0402TFN20 Datasheet HTML 5Page - Frontier Electronics. 0402TFN20 Datasheet HTML 6Page - Frontier Electronics. 0402TFN20 Datasheet HTML 7Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors—0402TF series
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 2 of 7
B. Mechanical Dimensions: (Unit: mm)
SERIES
A
B
C
D
0402TF
1.0 ± 0.05
0.5 ± 0.05
0.32 ± 0.05
0.20 ± 0.10
C. Part Number:
D. General information:
1. Tolerance: J: ± 5%, H: ± 3%, G: ± 2%, F: ± 1%. And B: ± 0.1nH, C: ± 0.2nH, S: ±0.3nH.
2. A Photo Lithographic Single Layer Ceramic Chip.
3. High SRF, Excellent Q, Superior Temperature Stability
4. Tight Tolerance of ± 1% or ± 0.1nH
5. Stable Inductance in High Frequency Circuit
6. For 15ºC Temperature Rise at 25ºC ambient.
7. Inductance & Q measured using the HP4286A and Agilent 16196B.
8. SRF measured using the HP8720D or HP8753E.
9. DCR measured using the 502BC.
10. Operating temperature: -40
°C TO +125ºC.
11. Storage Temperature: 25ºC ± 3ºC; Humidity < 80%RH
12. Inductance Range:
• 0402TF (thin Film) Series: 0.20nH (800mA)∼33.0nH(75mA). SRF from 14GHz to 2.5GHz.
13. RoHS compliant.
D. Applications:
Cellular-phone, Pagers and GPS Products.
VCO, TCXO Circuit and RF Transceiver Module.
Wireless LAN, Bluetooth Module, Communication Appliances Hybrid.
Special specifications are available for customer’s requirement.


Similar Part No. - 0402TFN20

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TFN20 FRONTIER-0402TFN20 Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TFN20 FRONTIER-0402TFN20 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
More results

Similar Description - 0402TFN20

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF FRONTIER-0402TF Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0201TF FRONTIER-0201TF Datasheet
293Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com