Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5407-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1N5407-LFR
Description  3A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5407-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  1N5407-LFR Datasheet HTML 1Page - Frontier Electronics. 1N5407-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5400-LFR THRU 1N5408-LFR
Page:1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3A GENERAL PURPOSE PLASTIC RECTIFIER
1N5400-LFR THRU 1N5408-LFR
FEATURES
LOW COST
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
DIFFUSED JUNCTION
HIGH SURGE CURRENT CAPABILITY
ROHS
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO201AD, DIMENSIONS
IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 1.2 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
1N5400-LF
R
1N5401-LF
R
1N5402-LF
R
1N5404-LF
R
1N5406-LF
R
1N5407-LF
R
1N5408-LF
R
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
200
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
30
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
20
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
1N5400-LF
R
1N5401-LF
R
1N5402-LF
R
1N5404-LF
R
1N5406-LF
R
1N5407-LF
R
1N5408-LF
R
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.2
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE CURRENT AT100
IR
50
μA
NOTE:
1. MEASURED AT 1MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 63.5×63.5×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Similar Part No. - 1N5407-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5407-B DIODES-1N5407-B Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
Comchip Technology
1N5407-G COMCHIP-1N5407-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Diodes Incorporated
1N5407-T DIODES-1N5407-T Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
Won-Top Electronics
1N5407-T3 WTE-1N5407-T3 Datasheet
39Kb / 3P
   3.0A SILICON RECTIFIER
1N5407-T3 WTE-1N5407-T3 Datasheet
48Kb / 4P
   3.0A STANDARD DIODE
More results

Similar Description - 1N5407-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP30-005R-LFR FRONTIER-GP30-005R-LFR Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
1N5400 FRONTIER-1N5400 Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-005 FRONTIER-GP30-005 Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-005G FRONTIER-GP30-005G Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com