Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5818 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1N5818
Description  1A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5818 Datasheet(HTML) 2 Page - Frontier Electronics.

  1N5818 Datasheet HTML 1Page - Frontier Electronics. 1N5818 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5817 1N5818 1N5819
Page: 2
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
RATINGS AND CHARACTERISTIC CURVE 1N5817 THRU 1N5819
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
.75
.50
.25
0
0
25
50
75
100
125
150
175
SINGLE PHASE HALF
WAVE 60HZ RESISTIVE
OR INDUCTIVE LOAD
0.375”(9.5mm) LEAD
LENGTH
LEAD TEMPERATURE,
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
.10
.01
.001
TJ=125
TJ=75
TJ=25
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
TJ=25
PULSE WIDTH=300us
1% DUTY CYCLE
FIG. 4 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
30
25
20
10
5
TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40
REVERSE VOLTAGE (V)
TJ=25
0C
1N5819
1N5817
1N5818


Similar Part No. - 1N5818

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
1N5818 STANSON-1N5818 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Central Semiconductor C...
1N5818 CENTRAL-1N5818 Datasheet
58Kb / 1P
   Schottky Barrier Rectifier
logo
Motorola, Inc
1N5818 MOTOROLA-1N5818 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Vishay Siliconix
1N5818 VISHAY-1N5818 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
AiT Semiconductor Inc.
1N5818 AITSEMI-1N5818 Datasheet
563Kb / 5P
   SCHOTTKY DIODES SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
More results

Similar Description - 1N5818

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR1150 FRONTIER-SR1150 Datasheet
439Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SB120 SSC-SB120 Datasheet
333Kb / 2P
   1A Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
1N5817 TAITRON-1N5817 Datasheet
184Kb / 4P
   1A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR102 FRONTIER-SR102 Datasheet
127Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
SR102-LFR FRONTIER-SR102-LFR Datasheet
127Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
1N5817-LFR FRONTIER-1N5817-LFR Datasheet
120Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
   40V, 1A Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK15AS CITC-SK15AS Datasheet
457Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SR12 CITC-SR12 Datasheet
150Kb / 3P
   1A Leaded Type Schottky Barrier Rectifiers
B120LWG-ST CITC-B120LWG-ST Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com