Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


B-106-2401 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-106-2401
Description  DURASEAL FORK TERMINAL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
DuraSeal is a trademark of Tyco Electronics Corporation.
=
Tyco Electronics Corporation
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
DURASEAL FORK
TERMINAL
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
B-106-2XXX
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for their
application.
REV.:
A
DATE:
17-Jul-06
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D030370
DCR NUMBER:
D060177
SCALE:
----
SIZE:
A
SHEET:
1 of 1
© 2006 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Dimensions
Wire Dimensions
øG
Product
Name
øA
min
B
nom
C
nom
L
max
Color (1)
Size Range
mm
2 (AWG)
min
max
B-106-2401
4.0
[0.160]
4.3
[0.169]
8.0
[0.315]
32.0
[1.260]
Red
0.5 - 1.0
(AWG 22-18)
1.4
[.055]
4.0
[.160]
B-106-2402
4.6
[0.180]
4.3
[0.169]
8.0
[0.315]
35.0
[1.378]
Blue
1.5 - 2.5
(AWG 16-14)
2.0
[.080]
4.6
[.180]
B-106-2502
4.6
[0.180]
5.3
[0.207]
10.0
[0.394]
35.0
[1.378]
Blue
1.5 - 2.5
(AWG 16-14)
2.0
[.080]
4.6
[.180]
B-106-2403
6.5
[0.255]
4.3
[0.169]
8.0
[0.315]
38.0
[1.496]
Yellow
3.0 – 6.0
(AWG 12-10)
2.8
[.110]
6.5
[.255]
B-106-2503
6.5
[0.255]
5.3
[0.207]
10.0
[0.394]
40.0
[1.575]
Yellow
3.0 – 6.0
(AWG 12-10)
2.8
[.110]
6.5
[.255]
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent color (1), radiation cross-linked modified polyamide with
thermoplastic adhesive coating inside.
2. FORK TERMINAL: Tin-plated copper alloy.
BASE METAL: C110 Copper
PLATING: Tin-plated per ASTM B545, Class A.
APPLICATION
1. These controlled crimp devices are designed to terminate a tin-plated or bare copper stranded wire having an insulation rated
for at least 75
°C to a fork terminal. It will provide a splash proof and strain relief connection.
UL listed wire connection 91J4.
2. Temperature range: -55
°C to +125°C.
3. For application tooling and installation, see RPIP-684-00.
For best results, prepare the wire as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl