Electronic Components Datasheet Search |
|
1.5SMCJ6.5A-LFR Datasheet(PDF) 3 Page - Frontier Electronics. |
|
1.5SMCJ6.5A-LFR Datasheet(HTML) 3 Page - Frontier Electronics. |
3 / 6 page 1.5SMCJ5.0-LFR THRU 1.5SMCJ188A-LFR Page: 3 DEVICE MARKING CODE BREAKDOWN VOLTAGE V(BR) (VOLTS) at IT DEVICE UNI BI WORKING PEAK REVERSE VOLTAGE VWM(VOLTS) MIN MAX TEST CURRENT IT(mA) MAXIMUM Clamping VOLTAGE AT IPPM VC(Volts) (Note 5) MAX PEAK PULSE SURGE CURRENT IPPM (NOTE 5) (Amps) MAXIMUM REVERSE LEAKAGE AT VWM ID(μA) 1.5SMCJ51-LFR 1.5SMCJ51A-LFR 1.5SMCJ54-LFR 1.5SMCJ54A-LFR 1.5SMCJ58-LFR 1.5SMCJ58A-LFR 1.5SMCJ60-LFR 1.5SMCJ60A-LFR 1.5SMCJ64-LFR 1.5SMCJ64A-LFR 1.5SMCJ70-LFR 1.5SMCJ70A-LFR 1.5SMCJ75-LFR 1.5SMCJ75A-LFR 1.5SMCJ78-LFR 1.5SMCJ78A-LFR 1.5SMCJ85-LFR 1.5SMCJ85A-LFR 1.5SMCJ90-LFR 1.5SMCJ90A-LFR 1.5SMCJ100-LFR 1.5SMCJ100A-LFR 1.5SMCJ110-LFR 1.5SMCJ110A-LFR 1.5SMCJ120-LFR 1.5SMCJ120A-LFR 1.5SMCJ130-LFR 1.5SMCJ130A-LFR 1.5SMCJ150-LFR 1.5SMCJ150A-LFR 1.5SMCJ160-LFR 1.5SMCJ160A-LFR 1.5SMCJ170-LFR 1.5SMCJ170A-LFR 1.5SMCJ188-LFR 1.5SMCJ188A-LFR GFY GFZ GGD GGE GGF GGG GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR GHT GHS BFY BFZ BGD BGE BGF BGG BGH BGK BGL BGM BGN BGP BGQ BGR BGS BGT BGU BGV BGW BGX BGY BGZ BHD BHE BHF BHG BHH BHK BHL BHM BHN BHP BHQ BHR GHT GHS 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 209 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0 255.0 231.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 91.1 82.4 96.3 87.1 103.0 93.0 107.0 96.0 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 344.0 328.0 16.5 18.2 15.6 17.2 14.6 16.0 14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.9 9.9 10.9 9.4 10.3 8.4 9.3 7.7 8.5 7.0 7.8 6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5 4.4 4.6 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 NOTE: 1. VF=3.5V on 1.5SMCJ5.0 thru 90A devices and VF=5.0V on 1.5SMCJ100 thru 188A devices at IF=25A on ½ Square or Equivalent Sine Wave. PW = 8.3ms, Duty Cycle = 4 Pulses per Minute Maximum 2. For Bipolar types with VR of 10 volts and under, the IR limit is doubled. 3. Mounted on 5.0mm 2 copper pads to each terminal. 4. For Bidirectional use C suffix for 10% tolerance, CA suffix for 5% tolerance. |
Similar Part No. - 1.5SMCJ6.5A-LFR |
|
Similar Description - 1.5SMCJ6.5A-LFR |