Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


B-044-22-N Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-044-22-N
Description  COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED STRANDED WIRE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
COAXIAL SOLDERSLEEVE DEVICE WITH
PRE-INSTALLED STRANDED WIRE
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
DOCUMENT NO.:
B-044-GA-N
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
TE Connectivity reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
E1
DATE:
15-Apr-11
DRAWN BY:
P.TALLY
CAGE CODE:
06090
REPLACES:
D001334
ECO NUMBER:
ECO-11-005139
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2007,2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Component Dimensions
“GA”
Cable Dimensions
Product
Name
L
max
øA
min
øB
min
øC
min
Wire Gauge
(AWG)
øD
øE
øF
min
G±0.5
(G±0.02)
M±0.5
(M±0.02)
B-044-20-N
20
B-044-22-N
28.0
(1.100)
22
B-044-24-N
29.0
(1.142)
24
B-044-26-N
28.0
(1.100)
3.40
(0.135)
2.30
(0.090)
0.8
(0.030)
26
1.70
(0.065)
to
3.40
(0.135)
1.30
(0.050)
To
2.30
(0.090)
0.30
(0.012)
16.0
(0.630)
6.0
(0.235)
MATERIALS
1. & 5. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride. Transparent blue.
2. & 4. SOLDER PREFORMS WITH FLUX:
SOLDER: TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004.
3. & 6. MELTABLE RINGS: Thermally stabilized thermoplastic.
7. CONDUCTOR LEAD: MIL-W-22759/32-GA-9, AWG “GA” (see table). ETFE insulated, stranded tin plated copper.
Color: white.
8. GROUND LEAD: MIL-W-22759/32-GA-6, AWG “GA” (see table). ETFE insulated, stranded tin plated copper.
Color: blue.
APPLICATION
1. The parts covered by this SCD are for use in terminating the primary conductor and the braided shield of a coaxial cable
having tin or silver plated conductor and shield, rated for at least 125° C and meeting the dimensional requirements listed.
2. Parts will meet the requirements of Raychem Specification RT-1404 when installed per Raychem RPIP-500-03.
3. Temperature range: -55°C to +150°C.
For best results, prepare
the cable as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl