Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69F817ZP6.5 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM69F817ZP6.5
Description  256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F817ZP6.5 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM69F817ZP6.5 Datasheet HTML 1Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 2Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 3Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 4Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 5Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 6Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 7Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 8Page - Motorola, Inc MCM69F817ZP6.5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MCM69F817
3
MOTOROLA FAST SRAM
TOP VIEW 119 BUMP PBGA
6
5
4
3
2
17
B
C
VSS
G
A
D
E
F
H
J
VSS
VSS
VSS
VSS
SA
VSS
VSS
VSS
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
NC
NC
NC
SA
SA
NC
NC
SW
NC
NC
VDDQ
VDDQ
NC
VDDQ
DQa
DQa
DQa
DQa
NC
VDD
NC
NC
NC
NC
NC
NC
NC
DQb
VSS
SA0
NC
LBO
NC
DQa
SA1
VSS
NC
DQb
VDDQ DQb VSS
NC
NC
DQa
SBa
VSS
NC
DQb
NC
DQb
VSS
K
VSS
DQb
NC
VDD
NC
VDD
NC
VDD
VDDQ
NC
VSS SGW
DQa
DQa
NC
ADV
SBb
DQb
NC
VDDQ
NC
VSS
G
NC
SE1
VSS
DQb
NC
DQb
NC
VSS
NC
DQa
VDD
NC
NC
SE2
SA
ADSC
ADSP
K
L
M
N
P
R
T
U
Not to Scale
VDDQ
VDDQ
SE3
VDDQ
VDDQ
NC
PIN ASSIGNMENT


Similar Part No. - MCM69F817ZP6.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ11 MOTOROLA-MCM69F819TQ11 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ11R MOTOROLA-MCM69F819TQ11R Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ7.5 MOTOROLA-MCM69F819TQ7.5 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ7.5R MOTOROLA-MCM69F819TQ7.5R Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F817ZP6.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com