Electronic Components Datasheet Search |
|
A103T2PYZB0Q Datasheet(PDF) 2 Page - Tyco Electronics |
|
A103T2PYZB0Q Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 13 page C23 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Options FUNCTIONS The following functions available in SP or DP. Dimension “L” Bushing .410 (10.41) “Y”, “H”, “CW” .480 (12.19) “D”, ”D9” TOGGLES S Standard T Large Toggle/ Bushing M T1 Large Toggle/ Bushing Dimension “L” Bushing Type .200 (5.08) “Y”, “H”, “CW” .270 (6.86) “D”, “D9” P3 P4 T2P Flatted K1 Locking K Locking Actuator Dimension “A” “B” P3 .450 (11.43) .200 (5.08) P4 .250 (6.35) .165 (4.19) No bushing option needed for “T” or T1”. No bushing option needed for “K” or K1” “K” locking levers are used to prevent accidental switching and must be lifted up prior to actuation. Standard nickel finish. .115 (2.92) Dia. "L" Short .105 (2.67) Dia. "L" "A" .100 (2.54) "B" Pinned for anti-rotation .650 (16.51) Unlocked .315 (8.0) Ref .214 (5.44) Dia. .050 (1.27) .580 (14.73) Locked 1/4-40NS .680 (17.27) Unlocked .315 (8.0) Ref .214 (5.44) Dia. .050 (1.27) .610 (15.49) Locked 1/4-40NS Flatted Available only with “Y” bushing. Pinned for anti-rotation. Use N-3-AG dress nut for enhancement. Pg. C54 WIRING DIAGRAM FOR FUNCTIONS 11 13 15 Pos. 3 Pos. 2 Pos. 1 Ref. Slot 6 5 4 3 2 1 OUT 1 OUT 2 JUMPER IN OUT 3 SINGLE POLE 3 POSITION * Ref. Slot POS. 1 1 4 2 (IN) 5 6 (OUT) 3 Ref. Slot POS. 2 1 4 (OUT) 2 (IN) 5 6 3 Ref. Slot POS. 3 1 (OUT) 4 2 (IN) 5 6 3 01 2 Positions None indicates no mechanical position On None On 03 3 Positions Off indicates a mechanical position with no electrical connection. On Off On 05 3 Positions (On) indicates momentary action. (On) Off (On) 07 3 Positions (On) Off On 08 2 Positions (On) None On SPDT, connect terminals: 1—2 — 2—3 DPDT, connect terminals: 1—2 — 2—3 4—5 — 5—6 11 3 Positions On On On 13 3 Positions (On) On On 15 3 Positions (On) On (On) Functions available in DP case only Connect terminals: 1—2 2—3 2—3 4—5 4—5 5—6 .610 (15.49) .140 (3.56) .448 (11.38) 15/32-32 NS .020 (.508) .242 (6.15) .687 (17.45) .448 (11.38) .020 (.508) .240 (6.10) Dia. 15/32-32NS .460 (11.68) .448 (11.38) .020 (.508) .240 (6.10) Dia. 15/32-32NS * SP3T functions achieved with external jumper installed by customer |
Similar Part No. - A103T2PYZB0Q |
|
Similar Description - A103T2PYZB0Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |