Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6946TS12 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM6946TS12
Description  512K x 9 Bit Fast Static Random Access Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6946TS12 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM6946TS12 Datasheet HTML 3Page - Motorola, Inc MCM6946TS12 Datasheet HTML 4Page - Motorola, Inc MCM6946TS12 Datasheet HTML 5Page - Motorola, Inc MCM6946TS12 Datasheet HTML 6Page - Motorola, Inc MCM6946TS12 Datasheet HTML 7Page - Motorola, Inc MCM6946TS12 Datasheet HTML 8Page - Motorola, Inc MCM6946TS12 Datasheet HTML 9Page - Motorola, Inc MCM6946TS12 Datasheet HTML 10Page - Motorola, Inc MCM6946TS12 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MCM6946
10
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
YJ PACKAGE
400 MIL SOJ
CASE 893–02
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TO BE DETERMINED AT PLANE –T–.
4. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.006 (0.15) PER SIDE.
5. DIMENSION A AND B INCLUDE MOLD MISMATCH
AND ARE DETERMINED AT THE PARTING LINE.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.920
0.930
23.37
23.62
B
0.395
0.405
10.03
10.29
C
0.128
0.148
3.25
3.76
D
0.015
0.020
0.38
0.51
E
0.082
–––
2.08
–––
F
0.026
0.032
0.66
0.81
G
0.050 BSC
1.27 BSC
K
0.035
0.55
0.90
1.40
L
0.025 BSC
0.64 BSC
N
0.035
0.045
0.90
1.14
P
0.435
0.445
11.05
11.30
R
0.370 BSC
9.40 BSC
R1
0.030
0.040
0.76
1.02
36
19
118
A
VIEW A
2X
34X
L
G
–X–
–T–
K
0.004 (0.1) T
SEATING
PLANE
D
36X
N
36X
F
36X
S
Y
M
0.007 (0.17)
X S
T
NOTE 3
VIEW A
R
R/2
C
R1
36X R
E
B
P
–Y–
Y
0.015 (0.381) T
S
Y
M
0.007 (0.17)
X S
T
2 ZONES 18 PLACES
NOTE 3


Similar Part No. - MCM6946TS12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ10 MOTOROLA-MCM6949YJ10 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ10R MOTOROLA-MCM6949YJ10R Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ12 MOTOROLA-MCM6949YJ12 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ12R MOTOROLA-MCM6949YJ12R Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
More results

Similar Description - MCM6946TS12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
logo
National Semiconductor ...
93479 NSC-93479 Datasheet
153Kb / 7P
   256 x 9-Bit Static Random Access Memory
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com