Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP483E Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP483E
Description  Enhanced Low EMI Half-Duplex RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP483E Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP483E Datasheet HTML 2Page - Sipex Corporation SP483E Datasheet HTML 3Page - Sipex Corporation SP483E Datasheet HTML 4Page - Sipex Corporation SP483E Datasheet HTML 5Page - Sipex Corporation SP483E Datasheet HTML 6Page - Sipex Corporation SP483E Datasheet HTML 7Page - Sipex Corporation SP483E Datasheet HTML 8Page - Sipex Corporation SP483E Datasheet HTML 9Page - Sipex Corporation SP483E Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SP483EDS/05
SP483E Low EMI Half-Duplex RS485 Transceiver
© Copyright 2000 Sipex Corporation
6
Receivers...
The SP483E receivers have differential inputs
with an input sensitivity as low as
±200mV.
Input impedance of the receivers is typically
15k
Ω (12kΩ minimum). A wide common mode
range of -7V to +12V allows for large ground
potential differences between systems. The
receivers have a tri-state enable control pin.
A logic LOW on RE (pin 2) will enable the
receiver, a logic HIGH on RE (pin 2) will disable
the receiver.
The SP483E receiver is rated for data rates up
to 250 Kbps. The receivers are equipped with
the fail-safe feature. Fail-safe guarantees that
the receiver output will be in a HIGH state when
the input is left unconnected.
Shutdown Mode...
The SP483E is equipped with a Shutdown mode.
To enable the Shutdown state, both the driver
and receiver must be disabled simultaneously. A
logic LOW on DE (pin 3) and a logic HIGH on
RE (pin 2) will put the SP483E into Shutdown
mode. In Shutdown, supply current will drop to
typically 1
µA.
ESD TOLERANCE...
The SP483E device incorporates ruggedized
ESD cells on all driver output and receiver input
pins. The ESD structure is improved over our
previous family for more rugged applications
and environments sensitive to electro-static
discharges and associated transients. The
improved ESD tolerance is at least
±15kV
without damage nor latch-up.
There are different methods of ESD testing
applied:
a) MIL-STD-883, Method 3015.7
b) IEC1000-4-2 Air-Discharge
c) IEC1000-4-2 Direct Contact
DESCRIPTION...
The SP483E is a half-duplex differential
transceiver that meets the requirements of
RS-485 and RS-422. Fabricated with a Sipex
proprietary BiCMOS process, the SP483E
requires a fraction of the power of older bipolar
designs.
The RS-485 standard is ideal for multi-drop
applications and for long-distance interfaces.
RS-485 allows up to 32 drivers and 32 receivers
to be connected to a data bus, making it an ideal
choice for multi-drop applications. Since the
cabling can be as long as 4,000 feet, RS-485
transceivers are equipped with a wide (-7V to
+12V) common mode range to accommodate
ground potential differences. Because RS-485 is
a differential interface, data is virtually immune
to noise in the transmission line.
Drivers...
The driver outputs of the SP483E are differential
outputs meeting the RS-485 and RS-422 stan-
dards. The typical voltage output swing with no
load will be 0 Volts to +5 Volts. With worst case
loading of 54
Ω across the differential outputs,
the drivers can maintain greater than 1.5V volt-
age levels. The drivers have an enable control
line which is active HIGH. A logic HIGH on DE
(pin 3) will enable the differential driver outputs.
A logic LOW on DE (pin 3) will tri-state the
driver outputs.
The SP483E has internally slew rate limited
driver outputs to minimize EMI. The maximum
data rate for the SP483E drivers is 250 Kbps
under load.


Similar Part No. - SP483E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483E SIPEX-SP483E Datasheet
100Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483E SIPEX-SP483E Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP483E EXAR-SP483E Datasheet
625Kb / 12P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP483ECN SIPEX-SP483ECN Datasheet
100Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483ECN SIPEX-SP483ECN Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results

Similar Description - SP483E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483E SIPEX-SP483E Datasheet
100Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP483ECP-L EXAR-SP483ECP-L Datasheet
625Kb / 12P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP483ECN-L SIPEX-SP483ECN-L Datasheet
104Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP483EEN-L EXAR-SP483EEN-L Datasheet
625Kb / 12P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com