Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4490 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4490
Description  Two Panel Electroluminscent Lamp Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4490 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4490 Datasheet HTML 1Page - Sipex Corporation SP4490 Datasheet HTML 2Page - Sipex Corporation SP4490 Datasheet HTML 3Page - Sipex Corporation SP4490 Datasheet HTML 4Page - Sipex Corporation SP4490 Datasheet HTML 5Page - Sipex Corporation SP4490 Datasheet HTML 6Page - Sipex Corporation SP4490 Datasheet HTML 7Page - Sipex Corporation SP4490 Datasheet HTML 8Page - Sipex Corporation SP4490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. 9/12/00
SP4490 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Power Supply, V
DD.................................................7.0V
Input Voltages, Logic.....................-0.3V to (V
DD+0.3V)
Lamp Outputs...................................................220V
P-P
Operating Temperature.........................-40˚C to +85˚C
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation Per Package
10-pin
µSOIC
(derate 8.84mW/˚C above +70˚C)....................720mW
SPECIFICATIONS
V
DD = +3.0V, L = 470µH, CLAMP = 8nF, ROSC = 464kΩ, and TAMB = 25˚C unless otherwise noted.
STORAGE CONSIDERATIONS
Storage in a low humidity environment is pre-
ferred. Large high density plastic packages are
moisture sensitive and should be stored in Dry
Vapor Barrier Bags.
Prior to usage, the parts
should remain bagged and stored below 40
°C and
60%RH. If the parts are removed from the bag,
they should be used within 48 hours or stored in an
environment at or below 20%RH. If the above
conditions cannot be followed, the parts should be
baked for four hours at 125
°C in order remove
moisture prior to soldering. Sipex ships product in
Dry Vapor Barrier Bags with a humidity indicator
card and desiccant pack. The humidity indicator
should be below 30%RH.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
2
.
20
.
30
.
6V
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
D
D
4
.
10
.
4A
mL
L
I
O
C
0
7
4
=
µH
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
V
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
1
µA
V
N
E
L
E
V
0
=
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
E
L
E
N
E
L
E
W
O
L
H
G
I
H5
7
.
2
0
0
.
3
5
2
.
0V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
F
F
O
/
N
O
d
n
a
2
L
E
/
1
L
E1
M
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
5
4
0
4
7
50
7
3
7
z
H
k
T
B
M
A
5
2
+
=
OC
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
OC
e
l
c
y
C
y
t
u
D
li
o
C0
9%
I
,
t
n
e
r
r
u
C
li
o
C
L
I
O
C
9
30
6A
m
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
4
70
0
1A
mn
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
0
5
3
2
1
3
0
5
40
5
5
0
7
5
z
H
T
B
M
A
5
2
+
=
OC
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
OC
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
P
K
P
-
K
P
8
3
1
0
3
1
0
7
1
V
T
B
M
A
5
2
+
=
OC
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
OC
The information furnished by Sipex has been care-
fully reviewed for accuracy and reliability. Its applica-
tion or use, however, is solely the responsibility of the
user. No responsibility for the use of this information
become part of the terms and conditions of any
subsequent sales agreement with Sipex. Specifica-
tions are subject to change without no responsibility
for any infringement of patents or other rights of third
parties which may result from its use. No license or
other proprietary rights are granted by implication or
otherwise under any patent or patent rights of Sipex
Corporation.


Similar Part No. - SP4490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4491 SIPEX-SP4491 Datasheet
155Kb / 13P
   Two Panel Electroluminscent Lamp Driver
SP4491EU SIPEX-SP4491EU Datasheet
155Kb / 13P
   Two Panel Electroluminscent Lamp Driver
SP4491UEB SIPEX-SP4491UEB Datasheet
155Kb / 13P
   Two Panel Electroluminscent Lamp Driver
More results

Similar Description - SP4490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4491 SIPEX-SP4491 Datasheet
155Kb / 13P
   Two Panel Electroluminscent Lamp Driver
SP4480 SIPEX-SP4480 Datasheet
128Kb / 13P
   Dual Electroluminscent Lamp Driver
logo
Gamewell-FCI by Honeywe...
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
logo
PARA LIGHT ELECTRONICS ...
AP1514-220V-33W-V1 PARALIGHT-AP1514-220V-33W-V1 Datasheet
89Kb / 3P
   LED Lamp Panel
logo
Marl International Limi...
525-095-21-50 MARL-525-095-21-50 Datasheet
293Kb / 1P
   RGB PANEL LAMP
logo
PARA LIGHT ELECTRONICS ...
AP1514-220V-26W-V0 PARALIGHT-AP1514-220V-26W-V0 Datasheet
97Kb / 3P
   LED Lamp Panel
logo
Cooper Bussmann, Inc.
HPS2 COOPER-HPS2 Datasheet
64Kb / 1P
   Two Pole Panel-Mount Fuseholder
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com