Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N5401
Description  SERIES 2N TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N5401 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N5401 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N5401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
Jiangsu Changjiang Elec...
2N5401 JIANGSU-2N5401 Datasheet
574Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Tiger Electronic Co.,Lt...
2N5401 TGS-2N5401 Datasheet
51Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
NXP Semiconductors
2N5401 PHILIPS-2N5401 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 08
More results

Similar Description - 2N5401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N555 ETC-2N555 Datasheet
147Kb / 2P
   2N 178 (GERMANIUM)
logo
Guangdong Youtai Semico...
IRF9956TR UMW-IRF9956TR Datasheet
475Kb / 7P
   30V 2N-Channel MOSFET
logo
Advanced Power Electron...
AP9930M A-POWER-AP9930M Datasheet
102Kb / 7P
   2N AND 2P-CHANNEL ENHANCEMENT
logo
International Rectifier
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
   100V, Combination 2N-2P-CHANNEL
logo
TRACO Electronic AG
TES2N TRACOPOWER-TES2N Datasheet
210Kb / 3P
   DC/DC Converters TES 2N Series, 2 Watt
Rev. September 16, 2022
logo
Mitel Networks Corporat...
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
   Very Low Phase Noise Divider by 2N
logo
Schneider Electric
9001KA55 SCHNEIDER-9001KA55 Datasheet
152Kb / 2P
   30MM CONTACT BLOCK 2N/O POWER REED
Jan 6, 2022
logo
Guangdong Youtai Semico...
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
E5J88-A4EJA5-L ETC2-E5J88-A4EJA5-L Datasheet
164Kb / 1P
   RJ45 2N LED JACK (STAMPED PIN)
logo
Guangdong Youtai Semico...
IRF8313TR UMW-IRF8313TR Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com