Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6946YJ12R Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6946YJ12R
Description  512K x 9 Bit Fast Static Random Access Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6946YJ12R Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6946YJ12R Datasheet HTML 1Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 2Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 3Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 4Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 5Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 6Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 7Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 8Page - Motorola, Inc MCM6946YJ12R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MCM6946
5
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 3.3 V – 5%, + 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
3.135
3.3
3.6
V
Input High Voltage
VIH
2.2
VCC + 0.3**
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 2.0 ns).
** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width ≤ 2.0 ns).
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1.0
µA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
0 to 70
°C
Unit
AC Active Supply Current
MCM6946–8: tAVAV = 8 ns
(Iout = 0 mA, VCC = Max)
MCM6946–10: tAVAV = 10 ns
MCM6946–12: tAVAV = 12 ns
MCM6946–15: tAVAV = 15 ns
ICC
195
185
180
175
mA
AC Standby Current (VCC = Max, E = VIH,
MCM6946–8: tAVAV = 8 ns
No Other Restrictions on Other Inputs)
MCM6946–10: tAVAV = 10 ns
MCM6946–12: tAVAV = 12 ns
MCM6946–15: tAVAV = 15 ns
ISB1
55
50
50
45
mA
CMOS Standby Current (E
≥ VCC – 0.2 V, Vin ≤ VSS + 0.2 V or ≥ VCC – 0.2 V)
(VCC = Max, f = 0 MHz)
ISB2
20
mA
CAPACITANCE (f = 1.0 MHz, dV = 3.3 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
All Inputs Except Clocks and DQs
E, G, W
Cin
Cck
4
5
6
8
pF
Input/Output Capacitance
DQ
CI/O
5
8
pF


Similar Part No. - MCM6946YJ12R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ10 MOTOROLA-MCM6949YJ10 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ10R MOTOROLA-MCM6949YJ10R Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ12 MOTOROLA-MCM6949YJ12 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ12R MOTOROLA-MCM6949YJ12R Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
More results

Similar Description - MCM6946YJ12R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
logo
National Semiconductor ...
93479 NSC-93479 Datasheet
153Kb / 7P
   256 x 9-Bit Static Random Access Memory
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com