Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4424 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4424 Datasheet HTML 1Page - Sipex Corporation SP4424 Datasheet HTML 2Page - Sipex Corporation SP4424 Datasheet HTML 3Page - Sipex Corporation SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
3
PIN DESCRIPTION
THEORY OF OPERATION
The SP4424 is made up of four basic circuit
elements: two precision oscillators, a coil, and the
EL driver IC. The oscillators set the coil and lamp
frequencies independently. This allows for the
selective setting of the coil / lamp frequency ratio.
The coil frequency can be selected for maximum
energy transfer per cycle for a given coil value.
The coil oscillator is designed to operate at 75%
duty cycle and the lamp oscillator is designed for
50% DC, for minimum DC offset across the EL
lamp.
An external capacitor connected between pin 8
and V
SS allows the user to vary the lamp oscillator
frequency from approximately 75Hz (4700 pf) to
350Hz (450 pf). Likewise, an external capacitor
connected between pin 1 and V
SS allows the user
to vary the coil oscillator frequency from
approximately 5kHz (390 pf) to 50kHz (22 pf).
The graphs on page 7 show the relationship between
oscillators (L
OSC and COSC) and their respective
capacitor values.
The coil is an external component connected from
V
BATTERY to pin 3 of the SP4424. Energy is stored
in the coil according to the equation E
L=1/2LI
2,
where I is the peak current flowing in the inductor.
The current in the inductor is time dependent and
is set by the "ON" time of the coil switch: I=(V
L/
L)t
ON, where VL is the voltage across the inductor.
At the moment the switch closes, the current in the
inductor is zero and the entire supply voltage
(minus the V
SAT of the switch) is across the inductor.
The current in the inductor will then ramp up at a
Pin 1 – C
COIL- Connect Capacitor from VSS to
pin 1 to set coil frequency.
Pin 2 – V
SS- Power supply common, connect to
ground.
Pin 3 – Coil- Coil input, connect coil from
V
BATTERY to pin 3.
Pin 4 – EL1- Lamp driver output 1, connect to
EL lamp.
Pin 5 – EL2- Lamp driver output 2, connect to
EL lamp.
Pin 6 – V
DD- Power supply for driver, connect to
system V
DD.
Pin 7 – HON- Enable for driver operation,
high = active; low = inactive.
Pin 8 – C
LAMP- connect Capacitor from VSS to
pin 8 to set lamp frequency.
1
2
3
4
8
7
6
5
SP4424 Typical Application
HON=VDD=ON
HON=0V=OFF
0.1
µF Low ESR
Decoupling
Capacitor
EL Lamp
3Ftl
1.6 sq.in.
4.5nF
CLAMP
HON
VDD
EL2
CCOIL
VSS
Coil
EL1
220pF
SP4424
VIN=3V
+
1500pF


Similar Part No. - SP4424

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422 SIPEX-SP4422 Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422ACN SIPEX-SP4422ACN Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422ACU SIPEX-SP4422ACU Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422ACX SIPEX-SP4422ACX Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
More results

Similar Description - SP4424

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4427 SIPEX-SP4427 Datasheet
116Kb / 9P
   Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
   Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com