Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N-PV10 Datasheet(PDF) 45 Page - Tyco Electronics

Part # N-PV10
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

N-PV10 Datasheet(HTML) 45 Page - Tyco Electronics

Back Button N-PV10 Datasheet HTML 41Page - Tyco Electronics N-PV10 Datasheet HTML 42Page - Tyco Electronics N-PV10 Datasheet HTML 43Page - Tyco Electronics N-PV10 Datasheet HTML 44Page - Tyco Electronics N-PV10 Datasheet HTML 45Page - Tyco Electronics N-PV10 Datasheet HTML 46Page - Tyco Electronics N-PV10 Datasheet HTML 47Page - Tyco Electronics N-PV10 Datasheet HTML 48Page - Tyco Electronics N-PV10 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
Ordering information
Available sizes and formats
Ordering
Label
Roll
Quantity
description
width
length
per pack
mm
inches
meters
feet
TTP200<color>-10
50.80
2.000
30.48
100
Continuous
TTP300<color>-10
76.20
3.000
30.48
100
Continuous
TTP400<color>-10
101.60
4.000
30.48
100
Continuous
TTP600<color>-10
152.40
6.000
30.48
100
Continuous
Note: Use TTPA prefix for high tack adhesive
Options
Colors
Standard
Clear
White
Metalized silver
Code
CL
WE
MP
Colors
Non Standard
Red
Green
Blue
Orange
Code
RD
GN
BE
OE
Colors
Non Standard
Black
Yellow
Code
BK
YW
Ordering example: TTP400WE-10 or TTPA400WE (for the high tack adhesive variant)
LABEL WIDTH
TTP Continuous polyester for decals
45
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels


Similar Part No. - N-PV10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
N-P-10DFB(40) HIROSE-N-P-10DFB(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-141 HIROSE-N-P-141 Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
N-P-141(40) HIROSE-N-P-141(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-141-2(A)(40) HIROSE-N-P-141-2(A)(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-250(A)(41) HIROSE-N-P-250(A)(41) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Similar Description - N-PV10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com